Electronic Components Datasheet Search
  English  ▼

X  

AD5245BRJ50-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5245BRJ50-R2
Description  256-Position I2C-Compatible Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5245BRJ50-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5245BRJ50-R2 Datasheet HTML 11Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 12Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 13Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 14Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 15Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 16Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 17Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 18Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD5245
Rev. B | Page 15 of 20
CONSTANT BIAS TO RETAIN RESISTANCE SETTING
For users who desire nonvolatility but cannot justify the
additional cost for the EEMEM, the AD5245 can be considered
a low cost alternative by maintaining a constant bias to retain
the wiper setting. The AD5245 is designed specifically with low
power in mind, which allows low power consumption even in
battery-operated systems. Figure 42 demonstrates the power
consumption from a 3.4 V, 450 mA-hr Li-Ion cell phone battery
that is connected to the AD5245. The measurement over time
shows that the device draws approximately 1.3 µA and
consumes negligible power. Over a course of 30 days, the
battery is depleted by less than 2%, the majority of which is due
to the intrinsic leakage current of the battery itself.
DAYS
0
90%
92%
94%
96%
510
15
98%
100%
102%
104%
106%
108%
110%
20
25
30
TA = 25°C
Figure 42. Battery Operating Life Depletion
This demonstrates that constantly biasing the potentiometer
can be a practical approach. Most portable devices do not
require the removal of batteries for charging.
Although the resistance setting of the AD5245 is lost when the
battery needs replacement, such events occur rather infrequently
so that this inconvenience is justified by the lower cost and
smaller size offered by the AD5245. If total power is lost, then
the user should be provided with a means to adjust the setting
accordingly.
EVALUATION BOARD
An evaluation board, along with all necessary software, is
available to program the AD5245 from any PC running
Windows® 98/2000/XP. The graphical user interface, as shown
in Figure 43, is straightforward and easy to use. More detailed
information is available in the user manual, which is provided
with the board.
Figure 43. AD5245 Evaluation Board Software
The AD5245 starts at midscale upon power-up. To increment or
decrement the resistance, the user can simply move the scroll-
bars on the left. To write a specific value, the user should use the
bit pattern in the upper screen and click the Run button. The
format of writing data to the device is shown in Table 8. To read
the data from the device, the user can simply click the Read
button. The format of the read bits is shown in Table 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com