Electronic Components Datasheet Search
  English  ▼

X  

AD8038 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8038
Description  Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8038 Datasheet(HTML) 4 Page - Analog Devices

  AD8038 Datasheet HTML 1Page - Analog Devices AD8038 Datasheet HTML 2Page - Analog Devices AD8038 Datasheet HTML 3Page - Analog Devices AD8038 Datasheet HTML 4Page - Analog Devices AD8038 Datasheet HTML 5Page - Analog Devices AD8038 Datasheet HTML 6Page - Analog Devices AD8038 Datasheet HTML 7Page - Analog Devices AD8038 Datasheet HTML 8Page - Analog Devices AD8038 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD5547/AD5557
Data Sheet
Rev. D | Page 4 of 20
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SUPPLY CHARACTERISTICS
Power Supply Range
VDD RANGE
2.7
5.5
V
Positive Supply Current
IDD
Logic inputs = 0 V
10
μA
Power Dissipation
PDISS
Logic inputs = 0 V
0.055
mW
Power Supply Sensitivity
PSS
∆VDD = ±5%
0.003
%/%
AC CHARACTERISTICS4
Output Voltage Settling Time
tS
To ±0.1% of full scale, data cycles from zero scale
to full scale to zero scale
0.5
μs
Reference Multiplying BW
BW
VREF = 100 mV rms, data = full scale
6.8
MHz
DAC Glitch Impulse
Q
VREF = 0 V, midscale – 1 to midscale
−3.5
nV-s
Multiplying Feedthrough Error
VOUT/VREF
VREF = 100 mV rms, f = 10 kHz
−78
dB
Digital Feedthrough
QD
WR = 1, LDAC toggles at 1 MHz
7
nV-s
Total Harmonic Distortion
THD
VREF = 5 V p-p, data = full scale, f = 1 kHz
−104
dB
Output Noise Density
eN
f = 1 kHz, BW = 1 Hz
12
nV/√Hz
Analog Crosstalk
CAT
Signal input at Channel A and measures the
output at Channel B, f = 1 kHz
−95
dB
1 All static performance tests (except IOUT) are performed in a closed-loop system using an external precision OP97 I-to-V converter amplifier. The device RFB terminal is
tied to the amplifier output. The +IN pin of the OP97 is grounded, and the IOUT of the DAC is tied to the OP97’s −IN pin. Typical values represent average readings
measured at 25°C.
2 Guaranteed by design; not subject to production testing.
3 All input control signals are specified with tR = tF = 2.5 ns (10% to 90% of 3 V) and are timed from a voltage level of 1.5 V.
4 All ac characteristic tests are performed in a closed-loop system using an AD8038 I-to-V converter amplifier except for THD where the AD8065 was used.
Timing Diagram
tWR
tDS
tDH
tLWD
tLDAC
tRS
WR
DATA
LDAC
RS
Figure 3. AD5547/AD5557 Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com