Electronic Components Datasheet Search
  English  ▼

X  

AD8057 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8057
Description  Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8057 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8057 Datasheet HTML 12Page - Analog Devices AD8057 Datasheet HTML 13Page - Analog Devices AD8057 Datasheet HTML 14Page - Analog Devices AD8057 Datasheet HTML 15Page - Analog Devices AD8057 Datasheet HTML 16Page - Analog Devices AD8057 Datasheet HTML 17Page - Analog Devices AD8057 Datasheet HTML 18Page - Analog Devices AD8057 Datasheet HTML 19Page - Analog Devices AD8057 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD5547/AD5557
Data Sheet
Rev. D | Page 20 of 20
OUTLINE DIMENSIONS
38
20
19
1
9.80
9.70
9.60
PIN 1
SEATING
PLANE
0.15
0.05
0.50
BSC
1.20
MAX
0.27
0.17
0.20
0.09
8°
0°
4.50
4.40
4.30
6.40 BSC
0.70
0.60
0.45
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-BD-1
Figure 26. 38-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-38)
Dimension s shown in millimeters
ORDERING GUIDE
Model1
Resolution (Bits)
DNL
(LSB)
INL
(LSB)
Temperature Range
Package Description
Package
Option
Ordering
Quantity
AD5547BRU
16
±1
±2
−40°C to +125°C
38-Lead TSSOP
RU-38
50
AD5547BRU-REEL7
16
±1
±2
−40°C to +125°C
38-Lead TSSOP
RU-38
1,000
AD5547BRUZ
16
±1
±2
−40°C to +125°C
38-Lead TSSOP
RU-38
50
AD5547CRUZ
16
±1
±1
−40°C to +125°C
38-Lead TSSOP
RU-38
50
AD5547CRUZ-REEL7
16
±1
±1
−40°C to +125°C
38-Lead TSSOP
RU-38
1,000
AD5557CRU
14
±1
±1
−40°C to +125°C
38-Lead TSSOP
RU-38
50
AD5557CRU-REEL7
14
±1
±1
−40°C to +125°C
38-Lead TSSOP
RU-38
1,000
AD5557CRUZ
14
±1
±1
−40°C to +125°C
38-Lead TSSOP
RU-38
50
1 Z = RoHS Compliant Part.
©2004–2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D04452-0-11/12(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com