Electronic Components Datasheet Search
  English  ▼

X  

AD7575 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7575
Description  LC2MOS 5ums 8-Bit ADC with Track/Hold
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7575 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7575 Datasheet HTML 4Page - Analog Devices AD7575 Datasheet HTML 5Page - Analog Devices AD7575 Datasheet HTML 6Page - Analog Devices AD7575 Datasheet HTML 7Page - Analog Devices AD7575 Datasheet HTML 8Page - Analog Devices AD7575 Datasheet HTML 9Page - Analog Devices AD7575 Datasheet HTML 10Page - Analog Devices AD7575 Datasheet HTML 11Page - Analog Devices AD7575 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD7575
–9–
REV. B
UNIPOLAR OPERATION
The basic operation for the AD7575 is in the unipolar single
supply mode. Figure 15 shows the circuit connections to achieve
this, while the nominal transfer characteristic for unipolar opera-
tion is given in Figure 16. Since the offset and full-scale errors
on the AD7575 are very small, in many cases it will not be nec-
essary to adjust out these errors. If calibration is required, the
procedure is as follows:
Offset Adjust
Offset error adjustment in single-supply systems is easily achiev-
able by means of the offset null facility of an op amp when used
as a voltage follower for the analog input signal, AIN. The op
amp chosen should be able to operate from a single supply and
allow a common-mode input voltage range that includes 0 V
(e.g., TLC271). To adjust for zero offset, the input signal
source is set to +4.8 mV (i.e., 1/2 LSB) while the op amp offset
is varied until the ADC output code flickers between 000 . . . 00
and 000 . . . 01.
Full-Scale Adjust
The full scale or gain adjustment is made by forcing the analog
input AIN to +2.445 V (i.e., Full-Scale Voltage –3/2 LSB). The
magnitude of the reference voltage is then adjusted until the
ADC output code flickers between 111 . . . 10 and 111. . . 11.
BIPOLAR OPERATION
The circuit of Figure 17 shows how the AD7575 can be config-
ured for bipolar operation. The output code provided by the
AD7575 is offset binary. The analog input voltage range is
±5 V, although the voltage appearing at the AIN pin of the
AD7575 is in the range 0 V to +2.46 V. Figure 18 shows the
transfer function for bipolar operation. The LSB size is now
39.06 mV. Calibration of the bipolar operation is outlined be-
low. Once again, because the errors are small, it may not be
necessary to adjust them. To maintain specified performance
without the calibration, all resistors should be 0.1% tolerance
with R4 and R5 replaced by one 3.3 k
Ω resistor and R2 and R3
replaced by one 2.5 k
Ω resistor.
Offset Adjust
Offset error adjustment is achieved by applying an analog input
voltage of –4.9805 V (–FS +1/2 LSB). Resistor R3 is then
adjusted until the output code flickers between 000 . . . 00 and
000 . . . 01.
Full-Scale Adjust
Full-scale or gain adjustment is made by applying an analog
input voltage of +4.9414 V (+FS –3/2 LSB). Resistor R4 is then
adjusted until the output code flickers between 111 . . . 10 and
111. . . 11.
A
A
47 F
0.1 F
+5V
+2.46V
MAX
A
A
47 F
0.1 F
A
A
+
–
AD589
3.3k
+5V
+1.23V
CONTROL
INPUTS
+5V
AIN
VREF
AGND
CLK
BUSY
CS
RD
TP
VDD
D
DB7–DB0
DATA OUT
AD7575
DGND
D
+5V
RCLK
100k , 1%
CCLK
100pF, 2%
Figure 15. Unipolar Configuration
OUTPUT
CODE
FULL SCALE
TRANSITION
11111111
11111110
11111101
00000011
00000010
00000001
00000000
FS = 2VREF
1LSB =
FS
256
1LSB
3LSBs
2LSBs
FS
FS –1LSB
AIN, INPUT VOLTAGE (IN TERMS OF LSBs)
Figure 16. Nominal Transfer Characteristic for
Unipolar Operation
A
A
47 F
0.1 F
+5V
A
A
47 F
0.1 F
A
+
–
AD589
+5V
+5V
AIN
VREF
CLK
BUSY
CS
RD
TP
VDD
D
DB7–DB0
DATA OUT
AD7575
DGND
D
+5V
RCLK
100k , 1%
CCLK
100pF, 2%
+
A
AGND
R2
2.2k
R3
500
INPUT
VOLTAGE
R4
500
R5
3k
A
A
+5V
R7
2.5k
R6
2.5k
A
TLC271
R8
3.3k
R1
10k
Figure 17. Bipolar Configuration
–1/2LSB
+1/2LSB
–FS
+FS –1LSB
AIN
FS = 5V
1LSB =
FS
256
OUTPUT
CODE
111...111
111...110
100...010
100...001
100...000
011...111
011...110
000...001
000...000
Figure 18. Nominal Transfer Characteristic for
Bipolar Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com