Electronic Components Datasheet Search
  English  ▼

X  

AD5426 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5426
Description  Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5426 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5426 Datasheet HTML 7Page - Analog Devices AD5426 Datasheet HTML 8Page - Analog Devices AD5426 Datasheet HTML 9Page - Analog Devices AD5426 Datasheet HTML 10Page - Analog Devices AD5426 Datasheet HTML 11Page - Analog Devices AD5426 Datasheet HTML 12Page - Analog Devices AD5426 Datasheet HTML 13Page - Analog Devices AD5426 Datasheet HTML 14Page - Analog Devices AD5426 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD5547/AD5557
Rev. D | Page 11 of 20
3.0
2.5
10k
100k
1M
10M
100M
2.0
1.5
1.0
0.5
0
CLOCK FREQUENCY (Hz)
0x5555
0x8000
0xFFFF
0x0000
Figure 12. AD5547 Supply Current vs. Clock Frequency
90
70
10
100
1k
10k
100k
1M
50
40
60
80
30
10
20
0
FREQUENCY (Hz)
VDD = 5V ± 10%
VREF = 10V
Figure 13. Power Supply Rejection Ratio (PSRR) vs. Frequency
–160
–140
–120
–100
–80
–60
–40
–20
0
20
0
5
10
15
20
25
FREQUENCY (kHz)
Figure 14. AD5547/AD5557 Analog Total Harmonic Distortion (THD)
LDAC
VOUT
1
2
CH1 5.00V CH2 2.00V
M 200ns
A CH1
2.70V
B CH1
–6.20V
400.00ns
Figure 15. Settling Time from Full Scale to Zero Scale
–3.85
–3.90
–3.95
–4.00
–4.05
–4.10
–4.15
–4.20
–20
–10
0
10
20
30
40
TIME (ns)
Figure 16. AD5547 Midscale Transition and Digital Feedthrough
2
0
–18
–16
–14
–12
–10
–8
–6
–4
–2
10k
100M
FREQUENCY (Hz)
100k
1M
10M
Figure 17. AD5547 Unipolar Reference Multiplying Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com