Electronic Components Datasheet Search
  English  ▼

X  

AD7690 Datasheet(PDF) 26 Page - Analog Devices

Part # AD7690
Description  16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7690 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7690 Datasheet HTML 20Page - Analog Devices AD7690 Datasheet HTML 21Page - Analog Devices AD7690 Datasheet HTML 22Page - Analog Devices AD7690 Datasheet HTML 23Page - Analog Devices AD7690 Datasheet HTML 24Page - Analog Devices AD7690 Datasheet HTML 25Page - Analog Devices AD7690 Datasheet HTML 26Page - Analog Devices AD7690 Datasheet HTML 27Page - Analog Devices AD7690 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD7686
Rev. B | Page 26 of 28
ORDERING GUIDE
Model
Integral
Nonlinearity
Temperature Range
Ordering
Quantity
Package Description
Package Option
Branding
AD7686BCPZRL1
±3 LSB max
–40°C to +85°C
Reel, 5000
10-Lead QFN (LFCSP_WD)
CP-10-9
C02#
AD7686BCPZRL71
±3 LSB max
–40°C to +85°C
Reel, 1500
10-Lead QFN (LFCSP_WD)
CP-10-9
C02#
AD7686BRM
±3 LSB max
–40°C to +85°C
Tube, 50
10-Lead MSOP
RM-10
C02
AD7686BRMRL7
±3 LSB max
–40°C to +85°C
Reel, 1000
10-Lead MSOP
RM-10
C02
AD7686BRMZ1
±3 LSB max
–40°C to +85°C
Tube, 50
10-Lead MSOP
RM-10
C3N
AD7686BRMZRL71
±3 LSB max
–40°C to +85°C
Reel, 1000
10-Lead MSOP
RM-10
C3N
AD7686CCPZRL1
±2 LSB max
–40°C to +85°C
Reel, 5000
10-Lead QFN (LFCSP_WD)
CP-10-9
C2G#
AD7686CCPZRL71
±2 LSB max
–40°C to +85°C
Reel, 1500
10-Lead QFN (LFCSP_WD)
CP-10-9
C2G#
AD7686CRM
±2 LSB max
–40°C to +85°C
Tube, 50
10-Lead MSOP
RM-10
C2G
AD7686CRMRL7
±2 LSB max
–40°C to +85°C
Reel, 1000
10-Lead MSOP
RM-10
C2G
AD7686CRMZ1
±2 LSB max
–40°C to +85°C
Tube, 50
10-Lead MSOP
RM-10
C3P
AD7686CRMZRL71
±2 LSB max
–40°C to +85°C
Reel, 1000
10-Lead MSOP
RM-10
C3P
EVAL-AD7686CB2
Evaluation Board
EVAL-AD7686CBZ1, 2
Evaluation Board
EVAL-CONTROL BRD23
Controller Board
EVAL-CONTROL BRD33
Controller Board
1 Z = RoHS Compliant Part, # denotes RoHS Compliant product may be top or bottom marked.
2 This board can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL BRDx for evaluation/demonstration purposes.
3 These boards allow a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com