Electronic Components Datasheet Search
  English  ▼

X  

AD7683 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7683
Description  16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7683 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7683 Datasheet HTML 6Page - Analog Devices AD7683 Datasheet HTML 7Page - Analog Devices AD7683 Datasheet HTML 8Page - Analog Devices AD7683 Datasheet HTML 9Page - Analog Devices AD7683 Datasheet HTML 10Page - Analog Devices AD7683 Datasheet HTML 11Page - Analog Devices AD7683 Datasheet HTML 12Page - Analog Devices AD7683 Datasheet HTML 13Page - Analog Devices AD7683 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7686
Rev. B | Page 10 of 28
REFERENCE VOLTAGE (V)
5.5
2.3
2.7
3.5
4.3
5.1
3.1
3.9
4.7
100
95
85
90
70
SNR
ENOB
17.0
15.0
16.0
14.0
13.0
SINAD
Figure 13. SNR, SINAD, and ENOB vs. Reference Voltage
TEMPERATURE (
°C)
125
–55
–35
–15
5
25456585
105
100
95
90
85
80
VREF = 5V
Figure 14. SNR vs. Temperature
FREQUENCY (kHz)
200
0
50
100
150
100
95
85
90
80
75
70
VREF = 5V, –10dB
VREF = 5V, –1dB
Figure 15. SINAD vs. Frequency
REFERENCE VOLTAGE (V)
5.5
2.3
2.7
3.5
4.3
5.1
3.1
3.9
4.7
–90
–95
–100
–105
–110
–115
–120
–125
–130
THD
SFDR
Figure 16. THD, SFDR vs. Reference Voltage
TEMPERATURE (
°C)
125
–55
–35
–15
5
25456585
105
–90
–100
–110
–120
–130
VREF = 5V
Figure 17. THD vs. Temperature
FREQUENCY (kHz)
200
0
50
100
150
–60
–70
–90
–80
–100
–110
–120
VREF = 5V, –10dB
VREF = 5V, –1dB
Figure 18. THD vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com