Electronic Components Datasheet Search
  English  ▼

X  

AD7871KP Datasheet(PDF) 16 Page - Analog Devices

Part # AD7871KP
Description  LC2MOS Complete 14-Bit, Sampling ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7871KP Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7871KP Datasheet HTML 8Page - Analog Devices AD7871KP Datasheet HTML 9Page - Analog Devices AD7871KP Datasheet HTML 10Page - Analog Devices AD7871KP Datasheet HTML 11Page - Analog Devices AD7871KP Datasheet HTML 12Page - Analog Devices AD7871KP Datasheet HTML 13Page - Analog Devices AD7871KP Datasheet HTML 14Page - Analog Devices AD7871KP Datasheet HTML 15Page - Analog Devices AD7871KP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD7871/AD7872
–16–
REV. D
AD7871 ORDERING GUIDE
Temperature
Relative
Package
Model
1, 2
Range
SNR
Accuracy Option
3
AD7871JN
0
°C to +70°C
80 dBs min
N-28A
AD7871KN
0
°C to +70°C
80 dBs min
±1 max
N-28A
AD7871JP
0
°C to +70°C
80 dBs min
P-28A
AD7871KP
0
°C to +70°C
80 dBs min
±1 max
P-28A
AD7871TQ
4
–55
°C to +125°C 79 dBs min ±1 max
Q-28
NOTES
1To order MIL-STD-883, Class B, processed parts, add /883B to part number.
Contact local sales office for military data sheet.
2Contact local sales office for LCCC availability.
3N = Plastic DIP; P = Plastic Leaded Chip Carrier (PLCC);Q = Cerdip.
4Available to /883B processing only.
AD7872 ORDERING GUIDE
Temperature
Relative
Package
Model
1
Range
SNR
Accuracy Option
2
AD7872AN
–40
°C to +85°C 80 dBs min
N-16
AD7872JN
0
°C to +70°C
80 dBs min
N-16
AD7872KN
0
°C to +70°C
80 dBs min
± 1 max
N-16
AD7872BR
–40
°C to +85°C 79 dBs min ± 1 max
R-16
AD7872JR
0
°C to +70°C
80 dBs min
R-16
AD7872KR
0
°C to +70°C
80 dBs min
± 1 max
R-16
AD7872TQ
3
–55
°C to +125°C 79 dBs min ± 1 max
Q-16
NOTES
1To order MIL-STD-883, Class B, processed parts, add /883B to part number.
Contact local sales office for military data sheet.
2N = Plastic DIP; Q = Cerdip; R = Small Outline IC (SOIC).
3Available to /883B processing only.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
16-Pin Plastic DIP (N-16)
16
18
9
0.755 (19.18)
0.745 (18.93)
0.26 (6.61)
0.24 (6.1)
PIN 1
SEATING
PLANE
0.02 (0.508)
0.015 (0.381)
0.17 (4.32)
MAX
0.065 (1.66)
0.045 (1.15)
0.175 (4.45)
0.12 (3.05)
0.14 (3.56)
0.12 (3.05)
0.105 (2.67)
0.095 (2.42)
15
°
0
0.306 (7.78)
0.294 (7.47)
0.012 (0.305)
0.008 (0.203)
LEAD NO. 1 IDENTIFIED BY NOT OR NOTCH.
LEADS ARE SOLDER OF TIN-PLATED KOVAR OR ALLOY 42.
16-Pin Cerdip (Q-16)
16
1
8
9
0.30 (7.62)
0.24 (6.1)
0.785 (19.94)
0.75 (19.05)
PIN 1
0.155
(3.937)
MIN
0.07 (1.778)
0.03 (0.762)
0.20 (5.08)
0.125 (3.175)
SEATING
PLANE
0.11 (2.794)
0.09 (2.28)
0.023 (0.584)
0.015 (0.381)
0.18 (4.572)
0.14 (3.56)
15
°
0
°
0.32 (8.128)
0.29 (7.366)
0.015 (0.381)
0.008 (0.203)
LEAD NO. 1 IDENTIFIED BY NOT OR NOTCH.
LEADS ARE SOLDER OF TIN-PLATED KOVAR OR ALLOY 42.
16-Pin SOIC (R-16)
16
9
8
1
0.413 (10.49)
0.398 (10.11)
0.419 (10.64)
0.394 (10.01)
0.300 (7.62)
0.292 (7.42)
PIN 1
0.350 (8.89)
SEATING
PLANE
0.011 (0.279)
0.004 (0.102)
STANDOFF
0.019 (0.483)
0.014 (0.356)
0.104 (2.64)
0.093 (2.36)
0.050
(1.27)
BSC
0.01 (0.254)
0.050 (1.27)
0.02 (0.508) x
45 C
CHAMP
28-Pin Plastic DIP (N-28A)
28
1
14
15
PIN 1
1.450 (36.83)
1.440 (36.576)
0.550 (13.97)
0.530 (13.462)
SEATING
PLANE
0.020 (0.508)
0.015 (0.381)
0.105 (2.67)
0.095 (2.41)
0.200
(5.080)
MAX
0.175 (4.45)
0.120 (3.05)
0.065 (1.65)
0.045 (1.14)
0.160 (4.06)
0.140 (3.56)
15
°
0
°
0.606 (15.39)
0.594 (15.09)
0.012 (0.305)
0.008 (0.203)
LEAD NO. 1 IDENTIFIED BY NOT OR NOTCH.
LEADS ARE SOLDER DIPPED OF TIN-PLATED ALLOY 42 OR COPPER.
28-Pin Cerdip (Q-28)
28
114
15
0.525 (13.33)
0.515 (13.08)
PIN 1
1.490 (37.84) MAX
15
°
0
°
0.62 (15.74)
0.59 (14.93)
0.012 (0.305)
0.008 (0.203)
SEATING
PLANE
0.22
(5.59)
MAX
0.125 (3.175)
MIN
0.02 (0.5)
0.016 (0.406)
0.11 (2.79)
0.099 (2.28)
GLASS SEALANT
0.18 (4.57)
MAX
LEAD NO. 1 IDENTIFIED BY DOT OR NOTCH.
LEADS ARE SOLDER OF TIN-PLATED KOVAR OR ALLOY 42.
28-Pin PLCC (P-28A)
4
PIN 1
IDENTIFIER
5
26
25
11
12
19
18
TOP VIEW
(PINS DOWN)
0.495 (12.57)
0.485 (12.32)
SQ
0.456 (11.582)
0.450 (11.430)
SQ
0.050
±0.005
(1.27
±0.13)
0.021 (0.533)
0.013 (0.331)
0.430 (10.5)
0.390 (9.9)
0.032 (0.812)
0.026 (0.661)
0.180 (4.51)
0.165 (4.20)
0.120 (3.04)
0.090 (2.29)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com