Electronic Components Datasheet Search
  English  ▼

X  

AD5545 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5545
Description  Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5545 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5545 Datasheet HTML 5Page - Analog Devices AD5545 Datasheet HTML 6Page - Analog Devices AD5545 Datasheet HTML 7Page - Analog Devices AD5545 Datasheet HTML 8Page - Analog Devices AD5545 Datasheet HTML 9Page - Analog Devices AD5545 Datasheet HTML 10Page - Analog Devices AD5545 Datasheet HTML 11Page - Analog Devices AD5545 Datasheet HTML 12Page - Analog Devices AD5545 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD5547/AD5557
Rev. D | Page 9 of 20
Pin No.
Mnemonic
Function
23
RS
Active low resets both input and DAC registers. Resets to zero-scale if MSB = 0 and resets to midscale if MSB = 1.
Signal level must be ≤V
DD + 0.3 V.
24 to 28,
30 to 38
D13 to D0
Digital Input Data Bits D13 to D0. Signal level must be ≤V
DD + 0.3 V.
29
VDD
Positive Power Supply Input. The specified range of operation is 2.7 V to 5.5 V.
Table 5. Address Decoder Pins
A1
A0
Output Update
0
0
DAC A
0
1
None
1
0
DAC A and DAC B
1
1
DAC B
Table 6. Control Inputs
RS
WR
LDAC
Register Operation
0
X
X
Reset the output to 0 with MSB = 0; reset the output to midscale with MSB = 1.
1
0
0
Load the input register with data bits.
1
1
1
Load the DAC register with the contents of the input register.
1
0
1
The input and DAC registers are transparent.
1
When LDAC and WR are tied together and programmed as a pulse, the data bits are loaded into the input register
on the falling edge of the pulse and are then loaded into the DAC register on the rising edge of the pulse.
1
1
0
No register operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com