Electronic Components Datasheet Search
  English  ▼

X  

AD7686CB2 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7686CB2
Description  16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7686CB2 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7686CB2 Datasheet HTML 18Page - Analog Devices AD7686CB2 Datasheet HTML 19Page - Analog Devices AD7686CB2 Datasheet HTML 20Page - Analog Devices AD7686CB2 Datasheet HTML 21Page - Analog Devices AD7686CB2 Datasheet HTML 22Page - Analog Devices AD7686CB2 Datasheet HTML 23Page - Analog Devices AD7686CB2 Datasheet HTML 24Page - Analog Devices AD7686CB2 Datasheet HTML 25Page - Analog Devices AD7686CB2 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD7686
Rev. B | Page 22 of 28
CHAIN MODE WITH BUSY INDICATOR
This mode can be used to daisy-chain multiple AD7686s
on a 3-wire serial interface while providing a busy indicator.
This feature is useful for reducing component count and
wiring connections, for example, in isolated multiconverter
applications or for systems with a limited interfacing capacity.
Data readback is analogous to clocking a shift register. A
connection diagram example using three AD7686s is shown in
Figure 43, and the corresponding timing is given in Figure 44.
When SDI and CNV are low, SDO is driven low. With SCK
high, a rising edge on CNV initiates a conversion, selects the
chain mode, and enables the busy indicator feature. In this
mode, CNV is held high during the conversion phase and the
subsequent data readback. When all ADCs in the chain have
completed their conversions, the nearend ADC (ADC C in
Figure 43) SDO is driven high.
This transition on SDO can be used as a busy indicator to
trigger the data readback controlled by the digital host. The
AD7686 then enters the acquisition phase and powers down.
The data bits stored in the internal shift register are then
clocked out, MSB first, by subsequent SCK falling edges. For
each ADC, SDI feeds the input of the internal shift register and
is clocked by the SCK falling edge. Each ADC in the chain
outputs its data MSB first, and 16 × N + 1 clocks are required to
readback the N ADCs.
Although the rising edge can be used to capture the data, a
digital host using the SCK falling edge allows a faster reading
rate and, consequently, more AD7686s in the chain, provided
the digital host has an acceptable hold time. For instance,
with a 3 ns digital host setup time and 3 V interface, up to four
AD7686s running at a conversion rate of 360 kSPS can be daisy
chained to a single 3-wire port.
CLK
CONVERT
DATA IN
IRQ
DIGITAL HOST
CNV
SCK
SDO
SDI
AD7686
C
CNV
SCK
SDO
SDI
AD7686
A
CNV
SCK
SDO
SDI
AD7686
B
Figure 43. Chain Mode with Busy Indicator Connection Diagram
SDOA = SDIB
DA15 DA14 DA13
SCK
12
3
35
47
48
tEN
CONVERSION
ACQUISITION
tCONV
tCYC
tACQ
ACQUISITION
CNV = SDIA
DA1
415
tSCK
tSCKH
tSCKL
DA0
17
34
16
SDOB = SDIC
DB15 DB14 DB13
DA1
DB1DB0DA15 DA14
49
tSSDISCK
tHSDISCK
tHSDO
tDSDO
SDOC
DC15 DC14 DC13
DA1DA0
DC1DC0DA14
19
31
32
18
33
DB1DB0DA15
DB15 DB14
tDSDOSDI
tSSCKCNV
tHSCKCNV
DA0
tDSDOSDI
tDSDOSDI
tDSDOSDI
tDSDOSDI
Figure 44. Chain Mode with Busy Indicator Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com