Electronic Components Datasheet Search
  English  ▼

X  

AD8008ARMZ1 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8008ARMZ1
Description  Ultralow Distortion,High Speed Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8008ARMZ1 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8008ARMZ1 Datasheet HTML 8Page - Analog Devices AD8008ARMZ1 Datasheet HTML 9Page - Analog Devices AD8008ARMZ1 Datasheet HTML 10Page - Analog Devices AD8008ARMZ1 Datasheet HTML 11Page - Analog Devices AD8008ARMZ1 Datasheet HTML 12Page - Analog Devices AD8008ARMZ1 Datasheet HTML 13Page - Analog Devices AD8008ARMZ1 Datasheet HTML 14Page - Analog Devices AD8008ARMZ1 Datasheet HTML 15Page - Analog Devices AD8008ARMZ1 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
AD8007/AD8008
Rev. E | Page 11 of
20
–90
1.5
1.0
–70
–75
–80
–85
–65
2.0
2.5
–60
VOUT (V p-p)
G = +2
VS = 5V
FO = 20MHz
HD3, RL = 1kΩ
HD2, RL = 1kΩ
HD3, RL = 150Ω
HD2, RL = 150Ω
Figure 30. AD8007 Second and Third Harmonic Distortion vs. VOUT and RL
FREQUENCY (MHz)
38
5
42
41
40
39
43
37
36
35
10
15
20
25
30
35
40
45
50
55
60
65
70
44
G = +2
VS = ±5V
VO = 2V p-p
RL = 1kΩ
Figure 31. AD8007 Third-Order Intercept vs. Frequency
–90
1.5
1.0
–70
–75
–80
–85
–65
2.0
2.5
G = +2
VS = 5V
FO = 20MHz
HD2, RL = 150Ω
HD2, RL = 1kΩ
VOUT (V p-p)
HD3, RL = 150Ω
HD3, RL = 1kΩ
Figure 32. AD8008 Second and Third Harmonic Distortion vs. VOUT and RL
–90
2
1
–70
–75
–80
–85
–65
34
–95
–100
–105
–110
56
G = +2
VS = ±5V
FO = 20MHz
HD2, RL = 150Ω
HD3, RL = 1kΩ
HD2, RL = 1kΩ
HD3, RL = 150Ω
VOUT (V p-p)
Figure 33. AD8007 Second and Third Harmonic Distortion vs. VOUT and RL
FREQUENCY (MHz)
38
42
41
40
39
43
70
44
37
36
35
65
60
55
50
45
40
35
30
25
20
15
10
5
G = +2
VS = ±5V
VO = 2V p-p
RL = 1kΩ
Figure 34. AD8008 Third-Order Intercept vs. Frequency
–90
1
–70
–75
–80
–85
–65
6
2
–95
–100
–105
–110
34
5
HD2, RL = 1kΩ
HD2, RL = 150Ω
HD3, RL = 150Ω
HD3, RL = 1kΩ
G = +2
VS = 5V
FO = 20MHz
VOUT (V p-p)
Figure 35. AD8008 Second and Third Harmonic Distortion vs. VOUT and RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com