Electronic Components Datasheet Search
  English  ▼

X  

AD9824 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9824
Description  Complete 14-Bit 30 MSPS CCD Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9824 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9824 Datasheet HTML 12Page - Analog Devices AD9824 Datasheet HTML 13Page - Analog Devices AD9824 Datasheet HTML 14Page - Analog Devices AD9824 Datasheet HTML 15Page - Analog Devices AD9824 Datasheet HTML 16Page - Analog Devices AD9824 Datasheet HTML 17Page - Analog Devices AD9824 Datasheet HTML 18Page - Analog Devices AD9824 Datasheet HTML 19Page - Analog Devices AD9824 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
REV. 0
AD9824
–16–
Table IV. Clamp Level Register Contents (Default Value x080)
MSB
LSB
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Clamp Level (LSB)
X
XX
0000
0
000
0
0000
0
001
4
0000
0
010
8
••
••
••
11111110
1016
11111111
1020
Table V. Control Register Contents (Default Value x000)
Data Out
DATACLK
CLP/PBLK
SHP/SHD
PxGA
Color Steering Modes
D10 D9
D8 D7
D6
D5
D4
D3
2
D2 D1 D0
X0 Enable
01
01
0Rising Edge Trigger
0 Active Low 0 Active Low
0 Disable 0
0
0 Steering Disabled
1 Three-State
1 Falling Edge Trigger 1 Active High 1 Active High
1 Enable
0
0
1 Mosaic Separate
010 Interlace
011 3-Color
100 4-Color
101 VD Selected
110 Mosaic Repeat
111 User Specified
NOTES
1 Must be set to zero.
2 When D3 = 0 (PxGA disabled), the PxGA gain is fixed to Code 63 (3.3dB).
Table VI. PxGA Gain Registers for Gain0, Gain1, Gain2, Gain3 (Default Value x000)
MSB
LSB
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Gain (dB)
*
XXXXX
011111+9.5
••
••
••
000000+3.5
111111+3.3
••
••
••
100000
–2.5
*Control Register Bit D3 must be set high (PxGA Enable) to use the PxGA Gain Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com