Electronic Components Datasheet Search
  English  ▼

X  

AD9831ASTZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9831ASTZ
Description  DIRECT DIGITAL SYNTGESIZER WAVEFORM GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9831ASTZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9831ASTZ Datasheet HTML 6Page - Analog Devices AD9831ASTZ Datasheet HTML 7Page - Analog Devices AD9831ASTZ Datasheet HTML 8Page - Analog Devices AD9831ASTZ Datasheet HTML 9Page - Analog Devices AD9831ASTZ Datasheet HTML 10Page - Analog Devices AD9831ASTZ Datasheet HTML 11Page - Analog Devices AD9831ASTZ Datasheet HTML 12Page - Analog Devices AD9831ASTZ Datasheet HTML 13Page - Analog Devices AD9831ASTZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD9831
–10–
Numerical Controlled Oscillator + Phase Modulator
This consists of two frequency select registers, a phase accumu-
lator and four phase offset registers. The main component of the
NCO is a 32-bit phase accumulator which assembles the phase
component of the output signal. Continuous time signals have a
phase range of 0 to 2
π. Outside this range of numbers, the
sinusoid functions repeat themselves in a periodic manner. The
digital implementation is no different. The accumulator simply
scales the range of phase numbers into a multibit digital word.
The phase accumulator in the AD9831 is implemented with 32
bits. Therefore, in the AD9831, 2
π = 232. Likewise, the ∆Phase
term is scaled into this range of numbers 0 <
∆Phase < 232 – 1.
Making these substitutions into the equation above
f =
∆Phase × f
MCLK/2
32
where 0 <
∆Phase < 232
With a clock signal of 25 MHz and a phase word of 051EB852
hex
f = 51EB852
× 25 MHz/232 = 0.500000000465 MHz
The input to the phase accumulator (i.e., the phase step) can be
selected either from the FREQ0 Register or FREQ1 Register
and this is controlled by the FSELECT pin. NCOs inherently
generate continuous phase signals, thus avoiding any output
discontinuity when switching between frequencies.
Following the NCO, a phase offset can be added to perform
phase modulation using the 12-bit PHASE Registers. The con-
tents of this register are added to the most significant bits of the
NCO. The AD9831 has four PHASE registers, the resolution
of these registers being 2
π/4096.
Sine Look-Up Table (LUT)
To make the output useful, the signal must be converted from
phase information into a sinusoidal value. Since phase informa-
tion maps directly into amplitude, a ROM LUT converts the
phase information into amplitude. To do this, the digital phase
information is used to address a sine ROM LUT. Although the
NCO contains a 32-bit phase accumulator, the output of the
NCO is truncated to 12 bits. Using the full resolution of the
phase accumulator is impractical and unnecessary as this would
require a look-up table of 2
32 entries.
It is necessary only to have sufficient phase resolution in the
LUTs such that the dc error of the output waveform is domi-
nated by the quantization error in the DAC. This requires the
look-up table to have two more bits of phase resolution than the
10-bit DAC.
Digital-to-Analog Converter
The AD9831 includes a high impedance current source 10-bit
DAC, capable of driving a wide range of loads at different
speeds. Full-scale output current can be adjusted, for optimum
power and external load requirements, through the use of a
single external resistor (RSET).
The DAC is configured for single ended operation. The load
resistor can be any value required, as long as the full-scale volt-
age developed across it does not exceed the voltage compliance
range. Since full-scale current is controlled by RSET, adjust-
ments to RSET can balance changes made to the load resistor.
However, if the DAC full-scale output current is significantly
less than 4 mA, the DAC’s linearity may degrade.
CIRCUIT DESCRIPTION
The AD9831 provides an exciting new level of integration for
the RF/Communications system designer. The AD9831 com-
bines the Numerical Controlled Oscillator (NCO), SINE Look-
Up Table, Frequency and Phase Modulators, and a Digital-to-
Analog Converter on a single integrated circuit.
The internal circuitry of the AD9831 consists of three main
sections. These are:
Numerical Controlled Oscillator (NCO) + Phase Modulator
SINE Look-Up Table
Digital-to-Analog Converter
The AD9831 is a fully integrated Direct Digital Synthesis
(DDS) chip. The chip requires one reference clock, one low
precision resistor and eight decoupling capacitors to provide
digitally created sine waves up to 12.5 MHz. In addition to the
generation of this RF signal, the chip is fully capable of a broad
range of simple and complex modulation schemes. These
modulation schemes are fully implemented in the digital domain
allowing accurate and simple realization of complex modulation
algorithms using DSP techniques.
THEORY OF OPERATION
Sine waves are typically thought of in terms of their magnitude
form a(t) = sin (
ωt). However, these are nonlinear and not easy
to generate except through piece wise construction. On the
other hand, the angular information is linear in nature. That is,
the phase angle rotates through a fixed angle for each unit of
time. The angular rate depends on the frequency of the signal
by the traditional rate of
ω = 2πf.
MAGNITUDE
PHASE
+1
0
–1
2
π
0
Figure 21. Sine Wave
Knowing that the phase of a sine wave is linear and given a
reference interval (clock period), the phase rotation for that
period can be determined.
∆Phase = ωδt
Solving for
ω
ω = ∆Phase/δt = 2πf
Solving for f and substituting the reference clock frequency for
the reference period (1/fMCLK =
δt)
f =
∆Phase × f
MCLK/2
π
The AD9831 builds the output based on this simple equation.
A simple DDS chip can implement this equation with three
major subcircuits.
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com