Electronic Components Datasheet Search
  English  ▼

X  

ADG706 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG706
Description  CMOS,1.8V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG706 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG706 Datasheet HTML 4Page - Analog Devices ADG706 Datasheet HTML 5Page - Analog Devices ADG706 Datasheet HTML 6Page - Analog Devices ADG706 Datasheet HTML 7Page - Analog Devices ADG706 Datasheet HTML 8Page - Analog Devices ADG706 Datasheet HTML 9Page - Analog Devices ADG706 Datasheet HTML 10Page - Analog Devices ADG706 Datasheet HTML 11Page - Analog Devices ADG706 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
–9–
REV. A
ADG706/ADG707
S
D
V1
VS
IDS
RON = V1/VDS
Test Circuit 1. ON Resistance
S1
D
VS
VDD
VSS
VD
S2
S16
GND
0.8V
EN
VDD
VSS
A
ISOFF
Test Circuit 2. IS (OFF)
TEST CIRCUITS
S1
D
VDD
VSS
VS
S2
S16
GND
0.8V
EN
VDD
VSS
A
IDOFF
VD
Test Circuit 3. ID (OFF)
D
VDD
VSS
VS
S1
S16
GND
2.4V
EN
VDD
VSS
A
IDON
VD
Test Circuit 4. ID (ON)
S1
D
VIN
VDD
VSS
GND
D
VDD
VSS
EN
A0
A1
A2
A3
50
VS1
S16
VS16
VOUT
RL
300
CL
35pF
ADG706*
S1 THRU S15
*SIMILAR CONNECTION FOR ADG707
2.4V
VS1
VS16
0V
3V
VOUT
ADDRESS
DRIVE (VIN)
tTRANSITION
tTRANSITION
50%
50%
90%
90%
Test Circuit 5. Switching Time of Multiplexer, tTRANSITION
S1
D
VIN
VDD
VSS
GND
D
VDD
VSS
EN
A0
A1
A2
A3
50
VS
S16
VOUT
RL
300
CL
35pF
ADG706*
S1 THRU S15
*SIMILAR CONNECTION FOR ADG707
2.4V
ADDRESS
DRIVE (VIN)
VOUT
3V
0V
VS
80%
80%
tOPEN
Test Circuit 6. Break-Before-Make Delay, tOPEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com