Electronic Components Datasheet Search
  English  ▼

X  

ADIS16201 Datasheet(PDF) 23 Page - Analog Devices

Part # ADIS16201
Description  Programmable Dual-Axis Inclinometer/Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16201 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADIS16201 Datasheet HTML 19Page - Analog Devices ADIS16201 Datasheet HTML 20Page - Analog Devices ADIS16201 Datasheet HTML 21Page - Analog Devices ADIS16201 Datasheet HTML 22Page - Analog Devices ADIS16201 Datasheet HTML 23Page - Analog Devices ADIS16201 Datasheet HTML 24Page - Analog Devices ADIS16201 Datasheet HTML 25Page - Analog Devices ADIS16201 Datasheet HTML 26Page - Analog Devices ADIS16201 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
ADIS16201
Rev. C | Page 23 of 32
ALM_CTRL Register Definition
Address
Default1
Format
Access
0x29, 0x28
0x0000
N/A
R/W
1 Default is valid only until the first register write cycle.
The ALM_CTRL register contains the alarm control variables.
Table 23. ALM_CTRL Bit Designations
Bit
Value
Description
15
Rate of change (ROC) enable for Alarm 2.
1: ROC is active.
0: ROC is inactive.
14:12
Alarm 2 source selection.
000
Alarm disable.
001
Alarm source: power supply output.
010
Alarm source: X-acceleration output.
011
Alarm source: Y-acceleration output.
100
Alarm source: auxiliary ADC output.
101
Alarm source: temperature sensor output.
110
Alarm source: X-inclination output.
111
Alarm source: Y-inclination output.
11
Rate of change (ROC) enable for Alarm 1.
1: ROC is active.
0: ROC is inactive.
10:8
Alarm 1 source selection.
000
Alarm disable.
001
Alarm source: power supply output.
010
Alarm source: X-acceleration output.
011
Alarm source: Y-acceleration output.
100
Alarm source: auxiliary ADC output.
101
Alarm source: temperature sensor output.
110
Alarm source: X-inclination output.
111
Alarm source: Y-inclination output.
7:3
Not used.
2
Alarm output enable.
1: Alarm output enabled.
0: Alarm output disabled.
1
Alarm output polarity.
1: Active high.
0: Active low.
0
Alarm output line select.
1: DIO1.
0: DIO0.
SAMPLE PERIOD CONTROL
The seven output data variables within the ADIS16201 are
sampled and updated at a rate based upon the SMPL_PRD
control register. The sample period can be precisely controlled
over more than a 3-decade range using a time base with two
settings and a 7-bit binary count. The use of a time base that
varies with a ratio of 1:31 allows for a more optimal resolution
in the sample period than a straight binary counter. This is
reflected in Figure 36, where the frequency is presented on a
logarithmic scale. The choice of the two time base settings
results in making the sample period setting more linear vs. the
logarithmic frequency scale.
Note that the sample period given is defined as the cumulative
time required to sample, process, and update all seven data output
variables. The seven data output variables are sampled as a
group and in unison with one another. Whatever update rate is
selected for one signal, all seven output data variables are updated
at the same rate whether they are monitored via the SPI or not.
For a sample period setting of less than 1098.9 μs (SMPL_RATE ≤
0x07), the overall power dissipation in the part rises by approxi-
mately 300%. The default setting for the SMPL_RATE register is
0x04 at initial power-up, thus allowing for the maximum SPI
clock rate of 2.5 MHz.
256
0
1
10k
FREQUENCY (Hz)
192
128
64
10
100
1k
Figure 36. SMPL_PRD Values vs. Sample Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com