Electronic Components Datasheet Search
  English  ▼

X  

ADIS16201PCB Datasheet(PDF) 10 Page - Analog Devices

Part # ADIS16201PCB
Description  Programmable Dual-Axis Inclinometer/Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16201PCB Datasheet(HTML) 10 Page - Analog Devices

Back Button ADIS16201PCB Datasheet HTML 6Page - Analog Devices ADIS16201PCB Datasheet HTML 7Page - Analog Devices ADIS16201PCB Datasheet HTML 8Page - Analog Devices ADIS16201PCB Datasheet HTML 9Page - Analog Devices ADIS16201PCB Datasheet HTML 10Page - Analog Devices ADIS16201PCB Datasheet HTML 11Page - Analog Devices ADIS16201PCB Datasheet HTML 12Page - Analog Devices ADIS16201PCB Datasheet HTML 13Page - Analog Devices ADIS16201PCB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADIS16201
Data Sheet
Rev. C | Page 10 of 32
150
0
(µV/LSB)
125
100
75
50
25
Figure 17. ADC Gain Distribution at 25°C/3.3 V
80
0
(mV)
70
60
50
40
30
20
10
Figure 18. ADC Offset Distribution at 25°C/3.3 V
3
–3
1
16381
ADC STATE
2
1
0
–1
–2
4096
8191
12286
Figure 19. Typical ADC Integral Nonlinearity at 25°C/3.3 V
3
–3
1
16381
ADC STATE
2
1
0
–1
–2
4096
8191
12286
Figure 20. Typical ADC Differential Nonlinearity
120
0
(µV/LSB)
100
80
60
40
20
Figure 21. DAC Gain Distribution at 25°C/3.3 V
45
0
(mV)
40
35
30
25
20
15
10
5
Figure 22. DAC Offset Distribution at 25°C/3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com