Electronic Components Datasheet Search
  English  ▼

X  

ADP3605ARZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3605ARZ
Description  120 mA Switched Capacitor Voltage Inverter with Regulated Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3605ARZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3605ARZ Datasheet HTML 4Page - Analog Devices ADP3605ARZ Datasheet HTML 5Page - Analog Devices ADP3605ARZ Datasheet HTML 6Page - Analog Devices ADP3605ARZ Datasheet HTML 7Page - Analog Devices ADP3605ARZ Datasheet HTML 8Page - Analog Devices ADP3605ARZ Datasheet HTML 9Page - Analog Devices ADP3605ARZ Datasheet HTML 10Page - Analog Devices ADP3605ARZ Datasheet HTML 11Page - Analog Devices ADP3605ARZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADP3605
Data Sheet
Rev. B | Page 8 of 12
THEORY OF OPERATION
The ADP3605 uses a switched capacitor principle to generate a
negative voltage from a positive input voltage. An onboard
oscillator generates a 2-phase clock to control a switching
network that transfers charge between the storage capacitors. The
switches turn on and off at a 250 kHz rate, which is generated
from an internal 500 kHz oscillator. The basic principle behind
the voltage inversion scheme is illustrated in Figure 12 and
Figure 13.
Figure 12. ADP3605 Switch Configuration Charging the Pump Capacitor
During phase one, S1 and S2 are on, charging the pump capacitor
to the input voltage. Before the next phase begins, S1 and S2 are
turned off as well as S3 and S4 to prevent any overlap. S3 and S4
are turned on during the second phase (see Figure 13), and the
charge stored in the pump capacitor is transferred to the output
capacitor.
Figure 13. ADP3605 Switch Configuration Charging the Output Capacitor
During the second phase, the positive terminal of the pump
capacitor is connected to ground through the variable resistance
switch (S3), and the negative terminal is connected to the output,
resulting in a voltage inversion at the output terminal. Figure 1
shows the ADP3605 block diagram.
+
VIN
VOUT
CP
CO
S1
S2
S3
S4
+
VIN
VOUT
CP
CO
S1
S2
S3
S4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com