Electronic Components Datasheet Search
  English  ▼

X  

ADP3605 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3605
Description  120 mA Switched Capacitor Voltage Inverter with Regulated Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3605 Datasheet(HTML) 3 Page - Analog Devices

  ADP3605 Datasheet HTML 1Page - Analog Devices ADP3605 Datasheet HTML 2Page - Analog Devices ADP3605 Datasheet HTML 3Page - Analog Devices ADP3605 Datasheet HTML 4Page - Analog Devices ADP3605 Datasheet HTML 5Page - Analog Devices ADP3605 Datasheet HTML 6Page - Analog Devices ADP3605 Datasheet HTML 7Page - Analog Devices ADP3605 Datasheet HTML 8Page - Analog Devices ADP3605 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADP3605
Rev. B | Page 3 of 12
SPECIFICATIONS
VIN = 5.0 V at TA = 25°C, CP = CO = 4.7 µF, unless otherwise noted. The CIN, CO, and CP capacitors in the typical application circuit (see Figure 2)
are 4.7 µF. See Figure 2 conditions. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality
Control (SQC) methods.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
OPERATING SUPPLY RANGE
VS
3
6
V
SUPPLY CURRENT
IS
−40°C < TA < +85°C
3
6
mA
Shutdown Mode
VSD = VIN, −40°C < TA < +85°C
2
15
µA
OUTPUT RESISTANCE
Open Loop
RO
9
Ω
OUTPUT RIPPLE VOLTAGE
VRIPPLE
CIN = CO = 4.7 µF, ILOAD = 60 mA
38
mV
ILOAD = 120 mA
75
mV
SWITCHING FREQUENCY
fS
VIN = 5 V, −40°C < TA < +85°C
212
250
288
kHz
SHUTDOWN
Logic Input High
VIH
2.4
V
Input Current
IIH
1
µA
Logic Input Low
VIL
0.4
V
Input Current
IIL
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com