| Electronic Components Datasheet Search |
|
ADR434 Datasheet(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADR434 Datasheet(HTML) 6 Page - Analog Devices |
|
6 / 24 page ![]() ADR430/ADR431/ADR433/ADR434/ADR435/ADR439 Rev. J | Page 6 of 24 ADR433 ELECTRICAL CHARACTERISTICS VIN = 5.0 V to 18 V, IL = 0 mA, TA = 25°C, unless otherwise noted. Table 4. Parameter Symbol Conditions Min Typ Max Unit OUTPUT VOLTAGE VO A Grade 2.996 3.000 3.004 V B Grade 2.9985 3.000 3.0015 V INITIAL ACCURACY1 VOERR A Grade ±4 mV ±0.13 % B Grade ±1.5 mV ±0.05 % TEMPERATURE COEFFICIENT TCVO A Grade −40°C < TA < +125°C 2 10 ppm/°C B Grade −40°C < TA < +125°C 1 3 ppm/°C LINE REGULATION ∆VO/∆VIN VIN = 5 V to 18 V, −40°C < TA < +125°C 5 20 ppm/V LOAD REGULATION ∆VO/∆IL IL = 0 mA to 10 mA, VIN = 6 V, −40°C < TA < +125°C 15 ppm/mA ∆VO/∆IL IL = −10 mA to 0 mA, VIN = 6 V, −40°C < TA < +125°C 15 ppm/mA QUIESCENT CURRENT IIN No load, −40°C < TA < +125°C 590 800 μA VOLTAGE NOISE eN p-p 0.1 Hz to 10.0 Hz 3.75 μV p-p VOLTAGE NOISE DENSITY eN 1 kHz 90 nV/√Hz TURN-ON SETTLING TIME tR CL = 0 μF 10 μs LONG-TERM STABILITY2 ∆VO 1000 hours 40 ppm OUTPUT VOLTAGE HYSTERESIS VO_HYS 20 ppm RIPPLE REJECTION RATIO RRR fIN = 1 kHz −70 dB SHORT CIRCUIT TO GND ISC 40 mA SUPPLY VOLTAGE OPERATING RANGE VIN 5.0 18 V SUPPLY VOLTAGE HEADROOM VIN − VO 2 V 1 Initial accuracy does not include shift due to solder heat effect. 2 The long-term stability specification is noncumulative. The drift in subsequent 1000 hour periods is significantly lower than in the first 1000 hour period. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |