Electronic Components Datasheet Search
  English  ▼

X  

ADS5520IPAPG4 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS5520IPAPG4
Description  12-Bit, 125 MSPS Analog-To-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5520IPAPG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5520IPAPG4 Datasheet HTML 17Page - Texas Instruments ADS5520IPAPG4 Datasheet HTML 18Page - Texas Instruments ADS5520IPAPG4 Datasheet HTML 19Page - Texas Instruments ADS5520IPAPG4 Datasheet HTML 20Page - Texas Instruments ADS5520IPAPG4 Datasheet HTML 21Page - Texas Instruments ADS5520IPAPG4 Datasheet HTML 22Page - Texas Instruments ADS5520IPAPG4 Datasheet HTML 23Page - Texas Instruments ADS5520IPAPG4 Datasheet HTML 24Page - Texas Instruments ADS5520IPAPG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Input Frequency − MHz
20
40
60
80
100
120
140
160
180
200
220
60
65
70
75
80
85
90
95
100
105
110
115
120
125
72
74
76
78
80
82
84
86
88
74
74
4
7
76
76
76
76
78
78
78
78
80
80
80
80
82
82
82
82
82
82
82
84
84
84
84
84
84
84
84
8
84
6
86
86
88
86
86
82
82
84
84
86
84
84
88
86
Input Frequency − MHz
20
40
60
80
100
120
140
160
180
200
220
60
65
70
75
80
85
90
95
100
105
110
115
120
125
70
80
90
100
110
120
74
74
74
76
76
76
76
76
78
78
78
78
80
80
80
80
82
82
82
82
82
84
84
84
84
84
84
86
86
86
86
84
88
78
84
72
72
74
76
78
80
82
84
86
88
88
ADS5520
www.ti.com....................................................................................................................................................... SBAS310F – MAY 2004 – REVISED OCTOBER 2008
TYPICAL CHARACTERISTICS (continued)
Typical values given at TA = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = -1dBFS, and 3-V differential clock,
unless otherwise noted
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
(DLL On)
Figure 37.
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
(DLL Off)
Figure 38.
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS5520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com