Electronic Components Datasheet Search
  English  ▼

X  

ADS5520IPAPR Datasheet(PDF) 15 Page - Texas Instruments

Part # ADS5520IPAPR
Description  12-Bit, 125 MSPS Analog-To-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5520IPAPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS5520IPAPR Datasheet HTML 11Page - Texas Instruments ADS5520IPAPR Datasheet HTML 12Page - Texas Instruments ADS5520IPAPR Datasheet HTML 13Page - Texas Instruments ADS5520IPAPR Datasheet HTML 14Page - Texas Instruments ADS5520IPAPR Datasheet HTML 15Page - Texas Instruments ADS5520IPAPR Datasheet HTML 16Page - Texas Instruments ADS5520IPAPR Datasheet HTML 17Page - Texas Instruments ADS5520IPAPR Datasheet HTML 18Page - Texas Instruments ADS5520IPAPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
TYPICAL CHARACTERISTICS
f − Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
10
30
50
20
40
62.5
SFDR =85.1dBc
THD=82.2dBc
SNR=70.5dBFS
SINAD=70.3dBFS
60
f − Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
10
30
50
62.5
20
40
60
SFDR =86.0dBc
THD=83.1dBc
SNR=70.8dBFS
SINAD=70.5dBFS
f − Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
10
30
50
20
40
60 62.5
SFDR =85.6dBc
THD=83.0dBc
SNR=70.4dBFS
SINAD=70.2dBFS
f − Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
10
30
50
20
40
60
62.5
SFDR =78.8dBc
THD=78.0dBc
SNR=70.5dBFS
SINAD=69.9dBFS
f − Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
10
30
50
20
40
60 62.5
SFDR =83.7dBc
THD=79.8dBc
SNR=70.2dBFS
SINAD=69.8dBFS
f − Frequency − MHz
0
−20
−40
−60
−80
−100
0
10
30
50
20
40
60 62.5
SFDR =80.6dBc
THD=79.3dBc
SNR=70.4dBFS
SINAD=70.0dBFS
−120
ADS5520
www.ti.com....................................................................................................................................................... SBAS310F – MAY 2004 – REVISED OCTOBER 2008
Typical values given at TA = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = -1dBFS, sampling rate = 125 MSPS,
DLL On, and 3-V differential clock, unless otherwise noted
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
(FFT for 4 MHz Input Signal)
(FFT for 16 MHz Input Signal)
Figure 5.
Figure 6.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
(FFT for 55 MHz Input Signal)
(FFT for 70 MHz Input Signal)
Figure 7.
Figure 8.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
(FFT for 80 MHz Input Signal)
(FFT for 100 MHz Input Signal)
Figure 9.
Figure 10.
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): ADS5520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com