Electronic Components Datasheet Search
  English  ▼

X  

08EP Datasheet(PDF) 3 Page - Texas Instruments

Part # 08EP
Description  DAC0800/DAC0802 8-Bit Digital-to-Analog Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

08EP Datasheet(HTML) 3 Page - Texas Instruments

  08EP Datasheet HTML 1Page - Texas Instruments 08EP Datasheet HTML 2Page - Texas Instruments 08EP Datasheet HTML 3Page - Texas Instruments 08EP Datasheet HTML 4Page - Texas Instruments 08EP Datasheet HTML 5Page - Texas Instruments 08EP Datasheet HTML 6Page - Texas Instruments 08EP Datasheet HTML 7Page - Texas Instruments 08EP Datasheet HTML 8Page - Texas Instruments 08EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DAC0800, DAC0802
www.ti.com
SNAS538C – JUNE 1999 – REVISED FEBRUARY 2013
Electrical Characteristics
The following specifications apply for VS = ±15V, IREF = 2 mA and TMIN ≤ TA ≤ TMAX unless otherwise specified. Output
characteristics refer to both IOUT and IOUT.
DAC0800L/
DAC0802LC
DAC0800LC
Parameter
Test Conditions
Units
Min
Typ
Max
Min
Typ
Max
Resolution
8
8
8
8
8
8
Bits
Monotonicity
8
8
8
8
8
8
Bits
Nonlinearity
±0.1
±0.19
%FS
To ±½ LSB, All Bits Switched “ON”
100
135
ns
or “OFF”, TA=25°C
ts
Settling Time
DAC0800L
100
135
ns
DAC0800LC
100
150
ns
tPLH,
Propagation Delay
TA=25°C
tPHL
Each Bit
35
60
35
60
ns
All Bits Switched
35
60
35
60
ns
TCIFS
Full Scale Tempco
±10
±50
±10
±50
ppm/°C
Full Scale Current Change <½
VOC
Output Voltage Compliance
−10
18
−10
18
V
LSB, ROUT>20 MΩ, Typical
VREF = 10.000V,
IFS4
Full Scale Current
R14 = R15 = 5.000 k
Ω,
1.984
1.992
2.00
1.94
1.99
2.04
mA
TA=25°C
IFSS
Full Scale Symmetry
IFS4−IFS2
±0.5
±4.0
±1
±8.0
μA
IZS
Zero Scale Current
0.1
1.0
0.2
2.0
μA
V− =
−5V
0
2.0
2.1
0
2.0
2.1
IFSR
Output Current Range
mA
V− =
−8V to −18V
0
2.0
4.2
0
2.0
4.2
Logic Input Levels
VLC = 0V
VIL
Logic “0”
0.8
0.8
V
VIH
Logic “1”
2.0
2.0
V
Logic Input Current
VLC = 0V
IIL
Logic “0”
−10V ≤ VIN ≤ +0.8V
−2.0
−10
−2.0
−10
μA
IIH
Logic “1”
2V
≤ VIN ≤ +18V
0.002
10
0.002
10
μA
VIS
Logic Input Swing
V− =
−15V
−10
18
−10
18
V
VTHR
Logic Threshold Range
VS = ±15V
−10
13.5
−10
13.5
V
I15
Reference Bias Current
−1.0
−3.0
−1.0
−3.0
μA
dl/dt
Reference Input Slew Rate
(Figure 26)
4.0
8.0
4.0
8.0
mA/
μs
Positive Power Supply
PSSIFS+
4.5V
≤ V+ ≤ 18V
0.0001
0.01
0.0001
0.01
%/%
Sensitivity
Negative Power Supply
PSSIFS−
−4.5V ≤ V− ≤ 18V, IREF = 1mA
0.0001
0.01
0.0001
0.01
%/%
Sensitivity
I+
2.3
3.8
2.3
3.8
mA
Power Supply Current
VS = ±5V, IREF = 1 mA
I
−
−4.3
−5.8
−4.3
−5.8
mA
I+
2.4
3.8
2.4
3.8
mA
Power Supply Current
VS = +5V, −15V, IREF = 2 mA
I
−
−6.4
−7.8
−6.4
−7.8
mA
I+
2.5
3.8
2.5
3.8
mA
Power Supply Current
VS = ±15V, IREF = 2 mA
I
−
−6.5
−7.8
−6.5
−7.8
mA
±5V, IREF = 1 mA
33
48
33
48
mW
PD
Power Consumption
+5V,
−15V, IREF = 2 mA
108
136
108
136
mW
±15V, IREF = 2 mA
135
174
135
174
mW
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DAC0800 DAC0802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com