Electronic Components Datasheet Search
  English  ▼

X  

DS90CP22MT/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CP22MT/NOPB
Description  DS90CP22 800 Mbps 2x2 LVDS Crosspoint Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CP22MT/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS90CP22MT/NOPB Datasheet HTML 3Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 4Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 5Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 6Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 7Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 8Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 9Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 10Page - Texas Instruments DS90CP22MT/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DS90CP22
www.ti.com
SNLS053E – MARCH 2000 – REVISED APRIL 2013
APPLICATION INFORMATION
MODES OF OPERATION
The DS90CP22 provides three modes of operation. In the 1:2 splitter mode, the two outputs are copies of the
same single input. This is useful for distribution / fan-out applications. In the repeater mode, the device operates
as a 2 channel LVDS buffer. Repeating the signal restores the LVDS amplitude, allowing it to drive another
media segment. This allows for isolation of segments or long distance applications. The switch mode provides a
crosspoint function. This can be used in a system when primary and redundant paths are supported in fault
tolerant applications.
INPUT FAIL-SAFE
The receiver inputs of the DS90CP22 do not have internal fail-safe biasing. For point-to-point and multidrop
applications with a single source, fail-safe biasing may not be required. When the driver is off, the link is in-
active. If fail-safe biasing is required, this can be accomplished with external high value resistors. The IN+ should
be pull to Vcc with 10k
Ω and the IN− should be pull to Gnd with 10kΩ. This provides a slight positive differential
bias, and sets a known HIGH state on the link with a minimum amount of distortion.
UNUSED LVDS INPUTS
Unused LVDS Receiver inputs should be tied off to prevent the high-speed sensitive input stage from picking up
noise signals. The open input to IN+ should be pull to Vcc with 10k
Ω and the open input to IN− should be pull to
Gnd with 10k
Ω.
UNUSED CONTROL INPUTS
The SEL and EN control input pins have internal pull down devices. Unused pins may be tied off or left as no-
connect (if a LOW state is desired).
EXPANDING THE NUMBER OF OUTPUT PORTS
To expand the number of output ports, more than one DS90CP22 can be used. Total propagation delay through
the devices should be considered to determine the maximum expansion. For example, if 2 X 4 is desired, than
three of the DS90CP22 are required. A minimum of two device propagation delays (2 x 1.3ns = 2.6ns (typ)) can
be achieved. For a 2 X 8, a total of 7 devices must be used with propagation delay of 3 x 1.3ns = 3.9ns (typ).
The power consumption will increase proportional to the number of devices used.
PCB LAYOUT AND POWER SYSTEM BYPASS
Circuit board layout and stack-up for the DS90CP22 should be designed to provide noise-free power to the
device. Good layout practice also will separate high frequency or high level inputs and outputs to minimize
unwanted stray noise pickup, feedback and interference. Power system performance may be greatly improved by
using thin dielectrics (4 to 10 mils) for power/ground sandwiches. This increases the intrinsic capacitance of the
PCB power system which improves power supply filtering, especially at high frequencies, and makes the value
and placement of external bypass capacitors less critical. External bypass capacitors should include both RF
ceramic and tantalum electrolytic types. RF capacitors may use values in the range 0.01 µF to 0.1 µF. It is
recommended practice to use two vias at each power pin of the DS90CP22 as well as all RF bypass capacitor
terminals. Dual vias reduce the interconnect inductance by up to half, thereby reducing interconnect inductance
and extending the effective frequency range of the bypass components.
The outer layers of the PCB may be flooded with additional ground plane. These planes will improve shielding
and isolation as well as increase the intrinsic capacitance of the power supply plane system. Naturally, to be
effective, these planes must be tied to the ground supply plane at frequent intervals with vias. Frequent via
placement also improves signal integrity on signal transmission lines by providing short paths for image currents
which reduces signal distortion.
There are more common practices which should be followed when designing PCBs for LVDS signaling.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS90CP22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com