Electronic Components Datasheet Search
  English  ▼

X  

AD7391 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7391
Description  3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7391 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7391 Datasheet HTML 3Page - Analog Devices AD7391 Datasheet HTML 4Page - Analog Devices AD7391 Datasheet HTML 5Page - Analog Devices AD7391 Datasheet HTML 6Page - Analog Devices AD7391 Datasheet HTML 7Page - Analog Devices AD7391 Datasheet HTML 8Page - Analog Devices AD7391 Datasheet HTML 9Page - Analog Devices AD7391 Datasheet HTML 10Page - Analog Devices AD7391 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. A
–7–
AD7390/AD7391
VOUT – V
40
30
0
01
5
23
4
20
10
VDD = 5V
VREF = 3V
CODE = ØØØH
TPC 10. IOUT at Zero Scale vs. VOUT
100 s
1V
TIME – 100 s/DIV
VOUT
(1V/DIV)
LD
(5V/DIV)
VDD = 5V
VREF = 2.5V
fCLK = 50kHz
TPC 13. AD7390 Large Signal
Settling Time
HOURS OF OPERATION AT 150 C
1.2
0.0
0
100
600
200
300
400
500
1.0
0.8
0.6
0.4
0.2
SAMPLE SIZE = 50
CODE = FFFH
CODE = 000H
TPC 16. AD7390 Long-Term Drift
Accelerated by Burn-In
2 s
20mV
VDD = 5V
VREF = 2.5V
fCLK = 50kHz
CODE: 7FH to 80H
TIME – 2 s/DIV
VOUT
(5mV/DIV)
LD
(5V/DIV)
TPC 11. AD7390 Midscale Transi-
tion Performance
FREQUENCY – Hz
100
1k
100k
10k
0
–5
VDD = 5V
VREF = 50mV
2V dc
DATA = FFFH
5
10
–10
–15
–20
–25
–30
–35
–40
TPC 14. AD7390 Gain vs.
Frequency
5 s
5mV
VDD = 5V
VREF = 2.5V
fCLK = 50kHz
LD = HIGH
TIME – 5 s/DIV
VOUT
(5mV/DIV)
CLK
(5V/DIV)
TPC 12. Digital Feedthrough
REFERENCE VOLTAGE – V
05
13
24
2.0
1.8
0.0
0.8
0.6
0.4
0.2
1.6
1.0
1.2
1.4
VDD = 5V
CODE = 768H
TA = 25 C
TPC 15. AD7390 INL Error vs.
Reference Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com