Electronic Components Datasheet Search
  English  ▼

X  

OP200GPZ Datasheet(PDF) 6 Page - Analog Devices

Part # OP200GPZ
Description  Dual Low Offset, Low Power Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP200GPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button OP200GPZ Datasheet HTML 2Page - Analog Devices OP200GPZ Datasheet HTML 3Page - Analog Devices OP200GPZ Datasheet HTML 4Page - Analog Devices OP200GPZ Datasheet HTML 5Page - Analog Devices OP200GPZ Datasheet HTML 6Page - Analog Devices OP200GPZ Datasheet HTML 7Page - Analog Devices OP200GPZ Datasheet HTML 8Page - Analog Devices OP200GPZ Datasheet HTML 9Page - Analog Devices OP200GPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OP200
Data Sheet
Rev. E | Page 6 of 16
V2
V1 20V p-p @ 10Hz
50Ω
CHANNEL SEPARATION = 20 log
50Ω
V1
V2/1000
1/2
OP200
1/2
OP200
Figure 4. Channel Separation Test Circuit
100Ω
10kΩ
1/2
OP200
eOUT
TO SPECTRUM
ANALYZER
eOUT (nV/√Hz) = √2 × eOUT (nV/√Hz) × 101
1/2
OP200
Figure 5. Noise Test Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com