Electronic Components Datasheet Search
  English  ▼

X  

OP200GS Datasheet(PDF) 5 Page - Analog Devices

Part # OP200GS
Description  Dual Low Offset, Low Power Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP200GS Datasheet(HTML) 5 Page - Analog Devices

  OP200GS Datasheet HTML 1Page - Analog Devices OP200GS Datasheet HTML 2Page - Analog Devices OP200GS Datasheet HTML 3Page - Analog Devices OP200GS Datasheet HTML 4Page - Analog Devices OP200GS Datasheet HTML 5Page - Analog Devices OP200GS Datasheet HTML 6Page - Analog Devices OP200GS Datasheet HTML 7Page - Analog Devices OP200GS Datasheet HTML 8Page - Analog Devices OP200GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
OP200
Rev. E | Page 5 of 16
VS = ±15 V, TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
OP200A/E
OP200G
Unit
Min
Typ
Max
Min
Typ
Max
INPUT CHARACTERISTICS
Input Voltage Range1
IVR
±12
±13
±12
±13
V
Common-Mode Rejection Ratio
CMRR
V
CM = ±12 V
120
135
110
130
dB
Channel Separation2
CS
V
O = 20 V p-p, fO = 10 Hz
123
145
123
145
dB
Input Capacitance
C
IN
3.2
3.2
pF
Capacitive Load Stability
A
V = 1, no oscillations
10
10
nF
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
V
S = ±3 V to ±18 V
0.4
1.8
0.6
5.6
μV/V
Supply Current Per Amplifier
I
SY
No load
570
725
570
725
μA
OUTPUT CHARACTERISTICS
Output Voltage Swing
V
O
R
L= 10 kΩ
±12
±12.6
±12
±12.6
V
R
L = 2 kΩ
±11
±12.2
±11
±12.2
V
DYNAMIC PERFORMANCE
Slew Rate
SR
0.1
0.15
0.1
0.15
V/μs
Gain Bandwidth Product
GBP
A
V = 1
500
500
kHz
1 Guaranteed by CMRR test.
2 Guaranteed but not 100% tested.
VS = ±15 V, −40°C ≤ TA ≤ +85°C, unless otherwise noted.
Table 4.
Parameter
Symbol
Conditions
OP200E
OP200G
Unit
Min
Typ
Max
Min
Typ
Max
INPUT CHARACTERISTICS
Input Offset Voltage
V
OS
35
100
110
300
μV
Average Input Offset Voltage Drift
TCV
OS
0.2
0.5
0.6
2.0
μV/°C
Input Offset Current
I
OS
V
CM = 0 V
0.08
2.5
0.1
6.0
nA
Input Bias Current
I
B
V
CM = 0 V
0 3
5.0
0.5
10.0
nA
Large-Signal Voltage Gain
A
VO
V
O = ±10 V
R
L= 10 kΩ
3000
10,000
2000
5000
V/mV
R
L = 2 kΩ
1500
3200
1000
2500
V/mV
Input Voltage Range1
IVR
±12
±12.5
±12
±12.5
V
Common-Mode Rejection Ratio
CMRR
V
CM = ±12 V
115
130
105
130
dB
Capacitive Load Stability
A
V = 1, no oscillations
10
10
nF
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
V
S = ±3 V to ±18 V
0.15
3.2
0.3
10.0
μV/V
Supply Current Per Amplifier
I
SY
No load
600
775
600
775
μA
OUTPUT CHARACTERISTICS
Output Voltage Swing
V
O
R
L = 10 kΩ
±12
±12.4
±12
±12.4
V
R
L = 2 kΩ
±11
±12
±11
±12.2
V
1 Guaranteed by CMRR test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com