Electronic Components Datasheet Search
  English  ▼

X  

AD8045 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8045
Description  Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8045 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8045 Datasheet HTML 16Page - Analog Devices AD8045 Datasheet HTML 17Page - Analog Devices AD8045 Datasheet HTML 18Page - Analog Devices AD8045 Datasheet HTML 19Page - Analog Devices AD8045 Datasheet HTML 20Page - Analog Devices AD8045 Datasheet HTML 21Page - Analog Devices AD8045 Datasheet HTML 22Page - Analog Devices AD8045 Datasheet HTML 23Page - Analog Devices AD8045 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADA4895-2
Data Sheet
Rev. 0 | Page 20 of 24
APPLICATIONS INFORMATION
USING THE ADA4895-2 AT A GAIN < +10
The ADA4895-2 is minimum gain 10 stable when used in normal
gain configurations. However, the ADA4895-2 can be configured
to work at lower gains down to a gain of +5. Figure 43 shows how
to add a simple RC circuit (R1 = 49.9 Ω and C1 = 60 pF) to allow
the ADA4895-2 to operate at a gain of +5.
VOUT
CL
150pF
RO
50Ω
C1
60pF
R1
50
Ω
VIN
RT
50
Ω
RG
50
Ω
RF
200
Ω
Figure 43. Configuring the ADA4895-2 for a Gain of +5 Stable
This circuit has a gain of 9 at high frequency and a gain of 5
at frequencies lower than the resonance frequency of 53 MHz
(1/2πR1C1). With a noise gain of approximately 9 at high frequency,
the total output noise increases unless an antialiasing filter is used
to block the high frequency content.
Figure 44 shows the small and large signal frequency response of
the circuit shown in Figure 43 into a 50 Ω analyzer (G = +5 V/V
or 14 dB). As shown in Figure 44, the circuit is very stable, and
the peaking is a little over 2 dB. This configuration is scalable to
accommodate any gain from 5 to 10, as shown in Table 9.
–1
2
5
8
11
14
17
0.1
1
10
100
1000
FREQUENCY (MHz)
VOUT = 30mV p-p
VOUT = 2V p-p
VOUT = 250mV p-p
VS = ±5V
G = +5
Figure 44. Frequency Response for G = +5
Table 9. Component Values Used with the ADA4895-2 for Gain < +10
Gain
R
T (Ω)
R
1 (Ω)
C
1 (pF)
R
G (Ω)
R
F (Ω)
R
O (Ω)
C
L (pF)
+5
49.9
49.9
60
49.9
200
49.9
150
+6
49.9
66.5
45
40.2
200
49.9
150
+7
49.9
110
27
37.4
226
49.9
150
+8
49.9
205
15
32.4
226
49.9
120
+9
49.9
NA
NA
30.9
249
49.9
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com