Electronic Components Datasheet Search
  English  ▼

X  

ADA4898-2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4898-2
Description  Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4898-2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4898-2 Datasheet HTML 16Page - Analog Devices ADA4898-2 Datasheet HTML 17Page - Analog Devices ADA4898-2 Datasheet HTML 18Page - Analog Devices ADA4898-2 Datasheet HTML 19Page - Analog Devices ADA4898-2 Datasheet HTML 20Page - Analog Devices ADA4898-2 Datasheet HTML 21Page - Analog Devices ADA4898-2 Datasheet HTML 22Page - Analog Devices ADA4898-2 Datasheet HTML 23Page - Analog Devices ADA4898-2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADA4895-2
Rev. 0 | Page 21 of 24
HIGH GAIN BANDWIDTH APPLICATION
The circuit in Figure 45 shows cascaded dual amplifier stages
using the ADA4895-2. Each stage has a gain of +10 (+20 dB),
making the output 100 times (+40 dB) the input. The total gain
bandwidth product is approximately 9 GHz with the part
operating on 6 mA of quiescent current (3 mA per amplifier).
VOUT
VIN
RT
50
Ω
RL
1k
Ω
RF
226
Ω
CF
2pF
C1
5pF
RG
25.5
Ω
RF
226
Ω
CF
2pF
RG
25.5
Ω
R1
249
Ω
Figure 45. Cascaded Amplifier Stages for High Gain Applications (G = +100)
Figure 46 shows the large signal frequency response for two cases.
The first case is with installed feedback capacitors (CF = 2 pF), and
the second case is without these capacitors. Removing the 2 pF
feedback capacitors from this circuit increases the bandwidth,
but adds about 0.5 dB of peaking.
0
4
8
12
16
20
24
28
32
36
40
44
0.1
1
10
100
1000
FREQUENCY (MHz)
CF = 2pF
NO CF
VOUT = 2V p-p
G = +100
Figure 46. Large Signal Frequency Response, G = +100, VS = ±5 V
To better balance the second stage and remove the current offset
contribution, an R1C1 circuit can be sized to correct for any mis-
match between the source impedance and the feedback network
impedance on the input amplifier. (In the example shown in
Figure 45, R1 = 249 Ω and C1 = 5 pF.) The offset of each amplifier
is within the same statistical range. As configured, the offset of
the output amplifier is not statistically significant to the overall
offset of the system.
Figure 46 was captured using a ±5 V supply; however, this circuit
will also operate with supplies from ±1.5 V to ±5 V as long as the
input and output headroom values are not violated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com