Electronic Components Datasheet Search
  English  ▼

X  

SS56 Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # SS56
Description  5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SS56 Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  SS56 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SS56 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES ( SS52 THRU SS515)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
FIG.2-MAXIMUM NON-REPETIVE PEAK
FORWARD SURGE CURRENT
FIG.3-TYPICAL FORWARD CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE.(V)
O
LEAD TEMPERATURE.( C)
NUMBER OF CYCLES AT 60HZ
FORWARD VOLTAGE(V)
PULSE DURATION,(sec)
5
4
3
2
1
0
0
50
100
150
50
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.5
20
10
1
0.1
0.01
0.001
0
20
40
60
80
100
120
140
100
10
1
0.1
0.01
0.1
1
10
100
100
10
1
1
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
RESISTIVEOR
INDUCTIVE LOAD
O
TJ=125
C
O
TJ=75 C
O
TJ=25 C
SS52 -S S54
SS5 6 -S S515
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS
Tj=25 C
f=1.0MHZ
Vsig=50mvp-p
SS52 -SS54
SS56 -SS 515
1
10
100
200
60
80
300
100
400
600
8.3ms Single Half Sine Wave
JEDEC Method
cycle
PULSE WIDTH=300 s
1%DUTY GYGLE
SS515
®
SS52 thru SS515
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com