Electronic Components Datasheet Search
  English  ▼

X  

AD9280-EB Datasheet(PDF) 24 Page - Analog Devices

Part # AD9280-EB
Description  High Speed ADC USB FIFO Evaluation Kit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9280-EB Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9280-EB Datasheet HTML 20Page - Analog Devices AD9280-EB Datasheet HTML 21Page - Analog Devices AD9280-EB Datasheet HTML 22Page - Analog Devices AD9280-EB Datasheet HTML 23Page - Analog Devices AD9280-EB Datasheet HTML 24Page - Analog Devices AD9280-EB Datasheet HTML 25Page - Analog Devices AD9280-EB Datasheet HTML 26Page - Analog Devices AD9280-EB Datasheet HTML 27Page - Analog Devices AD9280-EB Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
HSC-ADC-EVALB-SC/HSC-ADC-EVALB-DC
Rev. 0 | Page 24 of 28
Item
Qty
Reference Designation
Device
Package
Description
Manufacturer
Mfg Part Number
33
1
T301
Choke
2020
10 μH, 5 A, 50 V,
190 Ω @ 100 MHz
Murata
DLW5BSN191SQ2L
341
2
U101, U201
IC
TQFP80
3.3 V,
IDT72V283L7-5PF
IDT
IDT72V283L7-5PF
35
1
U102
IC
SOIC20
74VHC541,
octal buffer/line
driver, three-state
Fairchild
74VHC541M
36
1
U301
IC
SOIC16
DS90LV048A
National
Semiconductor
DS90LV048A
37
1
U302
IC
SOIC14
74VCX86
Fairchild
74VCX86
38
1
U401
IC
SO8M1
MC100EPT22D
Motorola
MC100EPT22D
39
1
U402
IC
TSSOP20
MC100EP29DT
ON Semiconductor
MC100EP29DT
40
1
U403
IC
SO8M1
MC100EPT23D
Motorola
MC100EPT23D
41
1
U501
IC
SOT23L5
NC7SZ32M5,
NC7SZ32, tiny log
UHS 2-input or gate
Fairchild
NC7SZ32M5
42
1
U502
IC
TQFP128
CY7C68013
Cypress
CY7C68013-128AXC
or
CY7C68014A-128AXC
43
1
U503
IC
DIP8
24LC00P
Microchip
24LC00P
44
1
U504
IC
DCT_8PIN_06,
5 mm
SN74LVC2G74DCTR,
D-type flip-flop,
DCT_8PIN_0.65MM
Texas Instruments
SN74LVC2G74DCTR
45
1
U505
IC
SOIC 14
74LVQ04SC, low
voltage hex inverter
Fairchild
74LVQ04SC
46
1
U601
IC
DIP20/SOL
74LCX574WM-ND,
74LCX574 octal D-type
flip-flop
Fairchild
74LCX574WM-ND
47
1
VR301
IC
SOT-223HS
High accuracy,
ADP3339AKC-3.3, 3.3 V
Analog Devices
ADP3339AKC-3.3
48
1
Y501
Crystal
Crystal
Oscillator, 24 MHz
Ecliptek
EC-12-24.000M
49
6
See schematic for placement
Connector
100 mil
jumper
0.1” jumpers
Samtec
SNT-100-BK-G-H
50
4
Insert from bottom side of
board
Standoff
Plastic mount
standoffs
7/8” height, standoffs
Richco
CBSB-14-01A-RT
51
2
See schematic for placement
Connector
Third-row
header key
These header inserts
for J104, Pin 81, and
Pin 120 are located
on the edges of the
top row
Samtec
TSW-104-07-T-S
1 Only U201 is populated for the single-channel version (HSC-ADC-EVALB-SC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com