Electronic Components Datasheet Search
  English  ▼

X  

CDC536DBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDC536DBR
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC536DBR Datasheet(HTML) 4 Page - Texas Instruments

  CDC536DBR Datasheet HTML 1Page - Texas Instruments CDC536DBR Datasheet HTML 2Page - Texas Instruments CDC536DBR Datasheet HTML 3Page - Texas Instruments CDC536DBR Datasheet HTML 4Page - Texas Instruments CDC536DBR Datasheet HTML 5Page - Texas Instruments CDC536DBR Datasheet HTML 6Page - Texas Instruments CDC536DBR Datasheet HTML 7Page - Texas Instruments CDC536DBR Datasheet HTML 8Page - Texas Instruments CDC536DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
CDC536
SCAS378G – APRIL 1994 – REVISED JULY 2004
FUNCTIONAL BLOCK DIAGRAM (continued)
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Clock input. CLKIN provides the clock signal to be distributed by the CDC536 clock-driver circuit. CLKIN is
used to provide the reference signal to the integrated phase-lock loop that generates the clock output
CLKIN
3
I
signals. CLKIN must have a fixed frequency and fixed phase in order for the phase-lock loop to obtain
phase lock. Once the circuit is powered up and a valid CLKIN signal is applied, a stabilization time is
required for the phase-lock loop to phase lock the feedback signal to its reference signal.
CLR
24
I
CLR is used for testing purposes only. Connect CLR to GND for normal operation.
Feedback input. FBIN provides the feedback signal to the internal PLL. FBIN must be hardwired to one of
FBIN
26
I
the six clock outputs to provide frequency and phase lock. The internal PLL adjusts the output clocks to
obtain zero phase delay between the FBIN and differential CLKIN inputs.
Output enable. OE is the output enable for all outputs. When OE is low, all outputs are enabled. When OE
is high, all outputs are in the high-impedance state. Since the feedback signal for the phase-lock loop is
OE
5
I
taken directly from an output, placing the outputs in the high-impedance state interrupts the feedback loop;
therefore, when a high-to-low transition occurs at OE, enabling the output buffers, a stabilization time is
required before the phase-lock loop obtains phase lock.
Output configuration select. SEL selects the output configuration for each output bank (e.g. 1
×, 1/2×, or
SEL
4
I
2
×).(see Tables 1 and 2).
TEST is used to bypass the phase-lock loop circuitry for factory testing of the device. When TEST is low,
TEST
25
I
all outputs operate using the PLL circuitry. When TEST is high, the outputs are placed in a test mode that
bypasses the PLL circuitry. TEST should be grounded for normal operation.
These outputs are configured by SEL to transmit one-half or one-fourth the frequency of the VCO. The
1Y1-1Y3
7, 10, 13
O
relationship between the CLKIN frequency and the output frequency is dependent on SEL. The duty cycle
of the Y output signals is nominally 50%, independent of the duty cycle of the CLKIN signal.
These outputs transmit one-half the frequency of the VCO. The relationship between the CLKIN frequency
2Y1-2Y3
22, 19, 16
O
and the output frequency is dependent on the frequency of the output being fed back to FBIN. The duty
cycle of the Y output signals is nominally 50% independent of the duty cycle of the CLKIN signal.
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
Supply voltage range, VCC
-0.5 V to 4.6 V
Input voltage range, VI (see
(2))
-0.5 V to 7 V
Voltage range applied to any output in the high state or power-off state, VO(see
(2))
-0.5 V to 5.5 V
Current into any output in the low state, IO
64 mA
Input clamp current, IIK(VI < 0)
-20 mA
Output clamp current, IOK(VO < 0)
-50 mA
Maximum power dissipation at TA = 55°C (in still air) (see
(3)):
DB package
0.68 W
DL package
0.7 W
Operating free-air temperature range, TA
0
°C to 70°C
Storage temperature range, Tstg
-65
°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
The maximum package power dissipation is calculated using a junction temperature of 150
°C and a board trace length of 75 mils. For
more information, refer to the Package Thermal Considerations application note in the ABT Advanced BiCMOS Technology Data Book,
literature number SCBD002.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com