Electronic Components Datasheet Search
  English  ▼

X  

CDC536DL Datasheet(PDF) 5 Page - Texas Instruments

Part # CDC536DL
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC536DL Datasheet(HTML) 5 Page - Texas Instruments

  CDC536DL Datasheet HTML 1Page - Texas Instruments CDC536DL Datasheet HTML 2Page - Texas Instruments CDC536DL Datasheet HTML 3Page - Texas Instruments CDC536DL Datasheet HTML 4Page - Texas Instruments CDC536DL Datasheet HTML 5Page - Texas Instruments CDC536DL Datasheet HTML 6Page - Texas Instruments CDC536DL Datasheet HTML 7Page - Texas Instruments CDC536DL Datasheet HTML 8Page - Texas Instruments CDC536DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS (SEE
(1))
ELECTRICAL CHARACTERISTICS
TIMING REQUIREMENTS
CDC536
SCAS378G – APRIL 1994 – REVISED JULY 2004
MIN
MAX
UNIT
VCC
Supply voltage
3
3.6
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
5.5
V
IOH
High-level output current
32
mA
IOL
Low-level output current
32
mA
TA
Operating free-air temperature
0
70
°C
(1)
Unused inputs must be held high or low.
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
MAX
VIK
VCC = 3 V,
II = -18 mA
1.2
V
VCC = MIN to MAX
(1),
IOH = -100 µA
VCC-0.2
VOH
V
VCC = 3 V,
IOH = -32 mA
2
VCC = 3 V,
IOL = 100 µA
0.2
VOL
V
VCC = 3 V,
IOL = 32 mA
0.5
VCC = 0 or MAX
(1),
VI = 3.6 V
±10
II
µA
VCC = 3.6 V,
VI = VCC or GND
±1
IOZH
VCC = 3.6 V,
VO = 3 V
10
µA
IOZL
VCC = 3.6 V,
VO = 0
10
µA
Outputs high
2
ICC
VCC = 3.6 V, IO = 0, VI = VCC or GND
Outputs low
2
mA
Outputs disabled
2
Ci
VI = VCC or GND
6
pF
Co
VO = VCC or GND
9
pF
(1)
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
over recommended ranges of supply voltage and operating free-air temperature
MIN
MAX
UNIT
When VCO is operating at four times the CLKIN frequency
25
50
fclock
Clock frequency
MHz
When VCO is operating at double the CLKIN frequency
50
100
Input clock duty cycle
40%
60%
After SEL
50
After OE
↓
50
Stabilization time(1)
µs
After power up
50
After CLKIN
50
(1)
Time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. In order for phase lock to
be obtained, a fixed-frequency, fixed-phase reference signal must be present at CLKIN. Until phase lock is obtained, the specifications
for propagation delay and skew parameters given in the switching characteristics table are not applicable.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com