Electronic Components Datasheet Search
  English  ▼

X  

LM837M Datasheet(PDF) 2 Page - Texas Instruments

Part # LM837M
Description  LM837 Low Noise Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM837M Datasheet(HTML) 2 Page - Texas Instruments

  LM837M Datasheet HTML 1Page - Texas Instruments LM837M Datasheet HTML 2Page - Texas Instruments LM837M Datasheet HTML 3Page - Texas Instruments LM837M Datasheet HTML 4Page - Texas Instruments LM837M Datasheet HTML 5Page - Texas Instruments LM837M Datasheet HTML 6Page - Texas Instruments LM837M Datasheet HTML 7Page - Texas Instruments LM837M Datasheet HTML 8Page - Texas Instruments LM837M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LM837
SNOSBZ6C – MAY 1999 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage, VCC/VEE
±18V
Differential Input Voltage, VID
(3)
±30V
Common Mode Input Voltage, VIC
(3)
±15V
Power Dissipation, PD
(4)
1.2W (N)
830 mW (M)
Operating Temperature Range, TOPR
−40°C to +85°C
Storage Temperature Range, TSTG
−60°C to +150°C
Soldering Information
PDIP Package
Soldering (10 seconds)
260°C
SOIC Package
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
ESD rating to be determined.
See http://www.ti.com for other methods of soldering surface mount devices.
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not specified for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Unless otherwise specified the absolute maximum input voltage is equal to the power supply voltage.
(4)
For operation at ambient temperatures above 25°C, the device must be derated based on a 150°C maximum junction temperature and a
thermal resistance, junction to ambient, as follows: LM837N, 90°C/W; LM837M, 150°C/W.
DC ELECTRICAL CHARACTERISTICS
TA = 25°C, VS = ±15V
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOS
Input Offset Voltage
RS = 50Ω
0.3
5
mV
IOS
Input Offset Current
10
200
nA
IB
Input Bias Current
500
1000
nA
AV
Large Signal Voltage Gain
RL = 2 kΩ, VOUT = ±10V
90
110
dB
VOM
Output Voltage Swing
RL = 2 kΩ
±12
±13.5
V
RL = 600Ω
±10
±12.5
V
VCM
Common Mode Input Voltage
±12
±14.0
V
CMRR
Common Mode Rejection Ratio
VIN = ±12V
80
100
dB
PSRR
Power Supply Rejection Ratio
VS = 15 ∼ 5, −15 ∼ −5
80
100
dB
IS
Power Supply Current
RL = ∞, Four Amps
10
15
mA
AC ELECTRICAL CHARACTERISTICS
TA = 25°C, VS = ±15V
Symbol
Parameter
Condition
Min
Typ
Max
Units
SR
Slew Rate
RL = 600Ω
8
10
V/
μs
GBW
Gain Bandwidth Product
f = 100 kHz, RL = 600Ω
15
25
MHz
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM837



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com