Electronic Components Datasheet Search
  English  ▼

X  

LP3983ITL Datasheet(PDF) 3 Page - Texas Instruments

Part # LP3983ITL
Description  LP3983 Micropower, Low Quiescent Current, CMOS Voltage Regulator in DSBGA Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3983ITL Datasheet(HTML) 3 Page - Texas Instruments

  LP3983ITL Datasheet HTML 1Page - Texas Instruments LP3983ITL Datasheet HTML 2Page - Texas Instruments LP3983ITL Datasheet HTML 3Page - Texas Instruments LP3983ITL Datasheet HTML 4Page - Texas Instruments LP3983ITL Datasheet HTML 5Page - Texas Instruments LP3983ITL Datasheet HTML 6Page - Texas Instruments LP3983ITL Datasheet HTML 7Page - Texas Instruments LP3983ITL Datasheet HTML 8Page - Texas Instruments LP3983ITL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LP3983
www.ti.com
SNVS213A – MAY 2004 – REVISED MARCH 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
VIN
−0.3 to 6.5V
VEN
−0.3 to (VIN + 0.3V) to 6.5V(max)
VOUT
−0.3V to(V IN + 0.3V) to 6.5V(max)
Junction Temperature
150°C
Storage Temperature
−65°C to +150°C
Pad Temperature
265°C
(Soldering, 10 sec.)
ESD (4)
Human Body Model
2KV
Machine Model
100V
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
The human body model is 100pF discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor
discharged directly into each pin.
Operating Ratings
(1) (2)
VIN
(3)
VIN(MIN)to 6V
VEN,
0 to 6.0V
Recommended Load Current
0 to 5mA
Junction Temperature
−40°C to +125°C
Ambient Temperature (4)
−40°C to +119°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
The minimum VIN is dependant on the device output option.For VOUT(NOM) ≤ 2.7V, VIN(MIN) will equal 2.5V. For VOUT(NOM) > 2.7V, VIN(MIN)
will equal VOUT(NOM) + 200mV.
(4)
The maximum ambient temperature (TA(max)) is dependant on the maximum operating junction temperature (TJ(max-op) = 125°C), the
maximum power dissipation of the device in the application (PD(max)), and the junction to ambient thermal resistance of the part/package
in the application (
θJA), as given by the following equation: TA(max) = TJ(max-op) - (θJA × PD(max)).
Thermal Properties
(1)
Junction to Ambient Thermal Resistance (
θJA)
(2)
255°C/W
(1)
The maximum ambient temperature (TA(max)) is dependant on the maximum operating junction temperature (TJ(max-op) = 125°C), the
maximum power dissipation of the device in the application (PD(max)), and the junction to ambient thermal resistance of the part/package
in the application (
θJA), as given by the following equation: TA(max) = TJ(max-op) - (θJA × PD(max)).
(2)
Junction to ambient thermal resistance is dependant on the application and board layout. In applications where high maximum power
dissipation is possible, special care must be paid to thermal dissipation issues in board design.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3983



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com