Electronic Components Datasheet Search
  English  ▼

X  

SLK2721IPZP Datasheet(PDF) 6 Page - Texas Instruments

Part # SLK2721IPZP
Description  OC-48 FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLK2721IPZP Datasheet(HTML) 6 Page - Texas Instruments

Back Button SLK2721IPZP Datasheet HTML 2Page - Texas Instruments SLK2721IPZP Datasheet HTML 3Page - Texas Instruments SLK2721IPZP Datasheet HTML 4Page - Texas Instruments SLK2721IPZP Datasheet HTML 5Page - Texas Instruments SLK2721IPZP Datasheet HTML 6Page - Texas Instruments SLK2721IPZP Datasheet HTML 7Page - Texas Instruments SLK2721IPZP Datasheet HTML 8Page - Texas Instruments SLK2721IPZP Datasheet HTML 9Page - Texas Instruments SLK2721IPZP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.ti.com
DETAILED DESCRIPTION
SLK2721
SLLS532B – JUNE 2002 – REVISED MARCH 2007
The SLK2721 device is designed to support the OC-48/24/12/3 data rates. It also supports a higher data rate
that may be required for FEC support, up to 2.7 Gbps. The operating data speed can be configured through the
RSEL0 and RSEL1 pins as indicated in Table 1 for normal SONET rates. For FEC support, the clock and data
rates need to be scaled up as required. The highest data and clock rates supported are 675 Mbps and 675 MHz,
respectively.
Table 1. Data Rate Select
SERIAL DATA RATE
RSEL0
RSEL1
PARALLEL LVDS DATA RATE
TXCLK/RXCLK
OC-48: 2.488 Gbps
0
0
622.08 Mbps
622.08 MHz
OC-24: 1.244 Gbps
1
0
311.04 Mbps
311.04 MHz
OC-12: 622 Mbps
0
1
155.52 Mbps
155.52 MHz
OC-3: 155.52 Mbps
1
1
38.88 Mbps
38.88 MHz
The user can also enable the autorate detection circuitry through the AUTO_DETECT pin. The device
automatically detects the OC-N of the data line rate and generates two bits of output to indicate the data rate to
other devices in the system. When using AUTO_DETECT, RSEL0 and RSEL1 need to be set to 00 or be
unconnected.
Table 2. Data Rate Reporting Under Autorate Detection Mode
SERIAL DATA RATE
RATEOUT0
RATEOUT1
PARALLEL LVDS DATA RATE
TXCLK/RXCLK
OC-48: 2.488 Gbps
0
0
622.08 Mbps
622.08 MHz
OC-24: 1.244 Gbps
1
0
311.04 Mbps
311.04 MHz
OC-12: 622 Mbps
0
1
155.52 Mbps
155.52 MHz
OC-3: 155.52 Mbps
1
1
38.88 Mbps
38.88 MHz
The SLK2721 device has four operational modes controlled by two configuration pins. Table 3 lists these
operational modes. When the device is put in a certain mode, unused circuit blocks are powered down to
conserve system power.
While the transceiver mode, transmit only mode, and receive only mode are straightforward, the repeater mode
of operation is shown in Figure 4. The receive serial data is recovered by the extracted clock, and it is then sent
back out on the transmit serial outputs. The data eye is open both vertically and horizontally in this process. In
the repeater mode, the user can select to turn on the RX demultiplexer function through RX_MONITOR pin and
allow the parallel data to be presented. This feature enables the repeater device not only to repeat but also to
listen in.
Table 3. Operational Modes
MODE
CONFIG0
CONFIG1
DESCRIPTION
1
0
0
Full duplex transceiver mode
2
0
1
Transmit only mode
3
1
0
Receive only mode
4
1
1
Repeater mode
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com