Electronic Components Datasheet Search
  English  ▼

X  

TAS5706APAPR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706APAPR
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5706APAPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TAS5706APAPR Datasheet HTML 15Page - Texas Instruments TAS5706APAPR Datasheet HTML 16Page - Texas Instruments TAS5706APAPR Datasheet HTML 17Page - Texas Instruments TAS5706APAPR Datasheet HTML 18Page - Texas Instruments TAS5706APAPR Datasheet HTML 19Page - Texas Instruments TAS5706APAPR Datasheet HTML 20Page - Texas Instruments TAS5706APAPR Datasheet HTML 21Page - Texas Instruments TAS5706APAPR Datasheet HTML 22Page - Texas Instruments TAS5706APAPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 71 page
background image
VCC − Supply Voltage − V
0
5
10
15
20
25
30
35
40
10
12
14
16
18
20
22
24
26
G009
THD+N = 1%
THD+N = 10%
RL = 8 Ω
PVCC − V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
12
14
16
18
20
22
24
26
G010
PVCC − V
−85
−84
−83
−82
−81
−80
−79
−78
−77
−76
−75
10
12
14
16
18
20
22
24
26
G011
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
f − Frequency − Hz
RL = 8 Ω
VCC = 12 V
G012
20
100
1k
10k
20k
Left to Right
Right to Left
TAS5706A
TAS5706B
www.ti.com............................................................................................................................................. SLOS606D – MARCH 2009 – REVISED SEPTEMBER 2009
TYPICAL CHARACTERISTICS, BTL CONFIGURATION (continued)
OUTPUT POWER
PSRR
vs
vs
SUPPLY VOLTAGE
PVCC
Figure 18.
Figure 19.
A-WTD NOISE
CROSSTALK
vs
vs
PVCC
FREQUENCY
Figure 20.
Figure 21.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TAS5706A TAS5706B
TAS5706A is Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com