Electronic Components Datasheet Search
  English  ▼

X  

DM300018 Datasheet(PDF) 31 Page - Microchip Technology

Part # DM300018
Description  dsPICDEM??2 Development Board User?셲 Guide
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300018 Datasheet(HTML) 31 Page - Microchip Technology

Back Button DM300018 Datasheet HTML 27Page - Microchip Technology DM300018 Datasheet HTML 28Page - Microchip Technology DM300018 Datasheet HTML 29Page - Microchip Technology DM300018 Datasheet HTML 30Page - Microchip Technology DM300018 Datasheet HTML 31Page - Microchip Technology DM300018 Datasheet HTML 32Page - Microchip Technology DM300018 Datasheet HTML 33Page - Microchip Technology DM300018 Datasheet HTML 34Page - Microchip Technology DM300018 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 115 page
background image
Using the dsPIC30F2010
© 2005 Microchip Technology Inc.
DS51558A-page 25
3.6
IN-CIRCUIT DEBUGGING
The sample application program is intended to illustrate how the processor and
peripheral modules handle the functionality provided on the dsPICDEM 2 Development
Board. The MPLAB ICD 2 In-Circuit Debugger was used to program the sample
application into the dsPIC30F device. You can also use the MPLAB ICD 2 In-Circuit
Debugger to examine this baseline code to determine specific applicability to your
application.
The examination process requires that three changes be made to the sample
application setup.
• The dsPIC30F2010 device must be reprogrammed to recognize the MPLAB ICD
2 as a debugger rather than as a programmer.
• MPLAB IDE must be reconfigured to specify the pins on the dsPIC30F2010
device to be used for debugging.
• The dsPICDEM 2 board must be physically reconfigured to ensure that it connects
the MPLAB ICD 2 debugger to the pins on the dsPIC30F2010 device that were
specified in MPLAB IDE.
The primary programming and debugging functions (PGC/EMUC, PGD/EMUD) on the
dsPIC30F device are multiplexed with other peripheral modules on the device used by
the sample application. Thus it is necessary to use an alternate pair of debugging pins
(EMUC1/EMUD1, EMUC2/EMUD2 or EMUC3/EMUD3) to examine the baseline code
provided in the sample application.
3.6.1
Setting Up MPLAB ICD 2 for Debugging
To change MPLAB ICD 2 from a programmer to a debugger:
1.
From the
Debugger menu, click Select Tool>MPLAB ICD 2 to designate the
MPLAB ICD 2 as the debug tool in MPLAB IDE.
2.
From the
Configure menu, select Configuration Bits... The Configuration Bits
window displays the current configuration settings for the device, as shown in
Figure 3-3.
3.
Change the “Comm Channel Select” parameter to Use EMUC2 and EMUD2.
4.
On the dsPICDEM 2 board, change the setting on switch S3 to turn on EMUC2
and EMUD2.
5.
Remove any jumpers on headers H6 and H7.
6.
Reprogram the dsPIC30F device (
Debugger>Program menu).
7.
On the dsPICDEM 2 board, turn off M ALL on switch S2.
8.
Reset the program and run it. From the
Debugger menu, select Reset>Processor
Reset. Then select Debugger>Run.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com