Electronic Components Datasheet Search
  English  ▼

X  

THS4500CD Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # THS4500CD
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4500CD Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS4500CD Datasheet HTML 10Page - Texas Instruments THS4500CD Datasheet HTML 11Page - Texas Instruments THS4500CD Datasheet HTML 12Page - Texas Instruments THS4500CD Datasheet HTML 13Page - Texas Instruments THS4500CD Datasheet HTML 14Page - Texas Instruments THS4500CD Datasheet HTML 15Page - Texas Instruments THS4500CD Datasheet HTML 16Page - Texas Instruments THS4500CD Datasheet HTML 17Page - Texas Instruments THS4500CD Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
VS = ±5 V
IIB+
IOS
Case Temperature −
°C
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
−0.09
−0.08
−0.07
−0.06
−0.05
−0.04
−0.03
−0.02
−0.01
0
IIB−
58
49
50
51
52
53
54
55
56
57
−40−30−20−10 0
10 20 30 40 50 60 70 80 90
Case Temperature −
°C
RL = 800 Ω
VS = ±5 V
0
5
10
15
20
25
30
35
0 0.5
1
1.5
2
2.5
3
3.5
4 4.5
5
VS − Supply Voltage − ±V
TA = 85°C
TA = 25°C
TA = −40°C
0
1
3
4
6
7
−40 −30−20−10 0 10 20 30 40 50 60 70 80 90
Case Temperature −
°C
VS = ±5 V
2
5
−6 −5 −4 −3 −2 −1 0
1
2
3
4
5
6
−10
0
10
20
30
40
50
60
70
80
90
100
110
Input Common-Mode Voltage Range − V
VS = ±5 V
−150
−100
−50
0
50
100
150
200
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
Case Temperature −
°C
VS = ±5 V
Source
Sink
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
−3.5
−2.5 −1.5 −0.5
0.5
1.5
2.5
3.5
VOC − Output Common-Mode Voltage − V
Single-Ended and Differential
Input to Differential Output
Gain = 1, VO = 2 VPP
f= 8 MHz, Rf = 392 Ω
VS = ±5 V
HD2
-Diff
HD2-SE
HD3-Diff
HD3-SE
−600
−400
−200
0
200
400
600
−5 −4 −3 −2 −1
0
1
2
3
4
5
VOC − Output Common-Mode Voltage − V
−3
−2
−1
0
1
2
3
1
10
100
1000
f − Frequency − MHz
Gain = 1
RL = 800 Ω
Rf = 392 Ω
PIN= −20 dBm
VS = ±5 V
THS4500
THS4501
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
www.ti.com
TYPICAL CHARACTERISTICS:
±5 V (continued)
INPUT BIAS AND OFFSET
OPEN-LOOP GAIN
CURRENT
QUIESCENT CURRENT
vs
vs
vs
CASE TEMPERATURE
CASE TEMPERATURE
SUPPLY VOLTAGE
Figure 37.
Figure 38.
Figure 39.
INPUT OFFSET VOLTAGE
COMMON-MODE REJECTION RATIO
OUTPUT DRIVE
vs
vs
vs
CASE TEMPERATURE
INPUT COMMON-MODE RANGE
CASE TEMPERATURE
Figure 40.
Figure 41.
Figure 42.
OUTPUT OFFSET VOLTAGE AT
HARMONIC DISTORTION
VOCM
vs
vs
OUTPUT COMMON-MODE
SMALL-SIGNAL FREQUENCY
OUTPUT COMMON-MODE
VOLTAGE
RESPONSE AT VOCM
VOLTAGE
Figure 43.
Figure 44.
Figure 45.
14
Submit Documentation Feedback
Copyright
© 2002–2011, Texas Instruments Incorporated
Product Folder Link(s): THS4500 THS4501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com