Electronic Components Datasheet Search
  English  ▼

X  

TLE2426ILPR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2426ILPR
Description  THE RAIL SPLITTER PRECISION VIRTUAL GROUND
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2426ILPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLE2426ILPR Datasheet HTML 14Page - Texas Instruments TLE2426ILPR Datasheet HTML 15Page - Texas Instruments TLE2426ILPR Datasheet HTML 16Page - Texas Instruments TLE2426ILPR Datasheet HTML 17Page - Texas Instruments TLE2426ILPR Datasheet HTML 18Page - Texas Instruments TLE2426ILPR Datasheet HTML 19Page - Texas Instruments TLE2426ILPR Datasheet HTML 20Page - Texas Instruments TLE2426ILPR Datasheet HTML 21Page - Texas Instruments TLE2426ILPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
TLE2426, TLE2426Y
THE RAIL SPLITTER"
PRECISION VIRTUAL GROUND
SLOS098D − AUGUST 1991 − REVISED MAY 1998
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MACROMODEL INFORMATION
*
TLE2426 OPERATIONAL AMPLIFIER “MACROMODEL” SUBCIRCUIT
*
CREATED USING PARTS RELEASE 4.03 0N 08/21/90 AT 13:51
*
REV (N/A)
SUPPLY VOLTAGE: 5 V
*
CONNECTIONS:
FILTER
|
INPUT
*
|
|
COMMON
*
|
|
|
OUTPUT
*|
|
|
|
.SUBCKT TLE2426
1
3
4
5
C1
11
12
21.66E−12
C2
6
7
30.00E−12
C3
87
0
10.64E−9
CPSR
85
86
15.9E−9
DCM +
81
82
DX
DCM −
83
81
DX
DC
5
53
DX
DE
54
5
DX
DLP
90
91
DX
DLN
92
90
DX
DP
4
3
DX
ECMR
84
99
(2,99) 1
EGND
99
0
POLY(2)
(3,0) (4,0)
0
.5
.5
EPSR
85
0
POLY(1)
(3,4)
−16.22E − 6 3.24E − 6
ENSE
89
2
POLY(1)
(88,0) 120E − 6 1
FB
7
99
POLY(6)
VB
VC
VE
VLP VLN VPSR 0 74.8E6 − 10E6
10E6
10E6
− 10E6
74E6
GA
6
0
11
12
320.4E − 6
GCM
0
6
10
99
1.013E − 9
GPSR
85
86
(85,86)
100E − 6
GRC1
4
11
(4,11) 3.204E − 4
GRC2
4
12
(4,12) 3.204E − 4
GRE1
13
10
(13,10)
1.038E − 3
GRE2
14
10
(14,10)
1.038E − 3
HLIM
90
0
VLIM
1K
HCMR
80
1
POLY(2)
VCM+
VCM −
0
1E2
1E2
IRP
3
4
146E − 6
IEE
3
10
DC
24.05E − 6
IIO
2
0
.2E − 9
I1
88
0
1E − 21
Q1
11
89
13
QX
Q2
12
80
14
QX
R2
6
9
100.0E3
RCM
84
81
1K
REE
10
99
8.316E6
RN1
87
0
2.55E8
RN2
87
88
11.67E3
RO1
8
5
63
RO2
7
99
62
VCM +
82
99
1.0
VCM −
83
99
− 2.3
VB
9
0
DC
0
VC
3
53
DC
1.400
VE
54
4
DC
1.400
VLIM
7
8
DC
0
VLP
91
0
DC
30
VLN
0
92DC30
VPSR
0
86
DC
0
RFB
5
2
1K
RIN1
3
1
220K
RIN2
1
4
220K
.MODEL DX
D(IS=800.OE−18)
.MODEL QX
PNP(IS=800.OE − 18 BF=480)
.ENDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com