Electronic Components Datasheet Search
  English  ▼

X  

TYN1225RG Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TYN1225RG
Description  Standard 25 A SCRs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TYN1225RG Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TYN1225RG Datasheet HTML 1Page - List of Unclassifed Manufacturers TYN1225RG Datasheet HTML 2Page - List of Unclassifed Manufacturers TYN1225RG Datasheet HTML 3Page - List of Unclassifed Manufacturers TYN1225RG Datasheet HTML 4Page - List of Unclassifed Manufacturers TYN1225RG Datasheet HTML 5Page - List of Unclassifed Manufacturers TYN1225RG Datasheet HTML 6Page - List of Unclassifed Manufacturers TYN1225RG Datasheet HTML 7Page - List of Unclassifed Manufacturers TYN1225RG Datasheet HTML 8Page - List of Unclassifed Manufacturers TYN1225RG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
TN2540, TXN625, TYN625, TYN825, TYN1225
2/10
Doc ID 7478 Rev 8
1
Characteristics
Table 2.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
On-state rms current (180 °Conduction angle)
TO-220AB,
D2PAK
Tc = 100 °C
25
A
TO-220AB ins Tc = 83 °C
IT(AV)
Average on-state current (180 °Conduction angle)
Tc = 100 °C
16
A
ITSM
Non repetitive surge peak on-state current
tp = 8.3 ms
Tj = 25 °C
314
A
tp = 10 ms
300
I2tI2t Value for fusing
tp = 10 ms
Tj = 25 °C
450
A2S
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT, tr ≤ 100 ns
F = 60 Hz
Tj = 125 °C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125 °C
4
A
PG(AV)
Average gate power dissipation
Tj = 125 °C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
VRGM
Maximum peak reverse gate voltage
5
V
Table 3.
Electrical Characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Test conditions
Value
Unit
IGT
VD = 12 V
RL = 33 Ω
MIN.
4
mA
MAX.
40
VGT
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ
Tj = 125 °C
MIN.
0.2
V
IH
IT = 500 mA Gate open
MAX.
50
mA
IL
IG = 1.2 x IGT
MAX.
90
mA
dV/dt
VD = 67% VDRM Gate open
Tj = 125 °C
MIN.
1500
V/µs
VTM
ITM = 50 A tp = 380 µs
Tj = 25 °C
MAX.
1.6
V
Vt0
Threshold voltage
Tj = 125 °C
MAX.
0.77
V
Rd
Dynamic resistance
Tj = 125 °C
MAX.
14
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25 °C
MAX.
5µA
Tj = 125 °C
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com