Electronic Components Datasheet Search
  English  ▼

X  

AD8079ARZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8079ARZ
Description  Dual 260 MHz Gain = 2.0 & 2.2 Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8079ARZ Datasheet(HTML) 5 Page - Analog Devices

  AD8079ARZ Datasheet HTML 1Page - Analog Devices AD8079ARZ Datasheet HTML 2Page - Analog Devices AD8079ARZ Datasheet HTML 3Page - Analog Devices AD8079ARZ Datasheet HTML 4Page - Analog Devices AD8079ARZ Datasheet HTML 5Page - Analog Devices AD8079ARZ Datasheet HTML 6Page - Analog Devices AD8079ARZ Datasheet HTML 7Page - Analog Devices AD8079ARZ Datasheet HTML 8Page - Analog Devices AD8079ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
9
REV. A
AD8079
–5–
FREQUENCY – Hz
100k
200M
0.1M
1M
10M
100M
–10
–20
–110
–30
–40
–50
–60
–70
–80
–90
–100
VIN = 2V p-p
RL = 100Ω
VS = ±5V
Figure 9. Crosstalk (Output-to-Output) vs. Frequency
IRE
0.02
0.06
0.00
12
34
5
6
7
8
9
10
11
0.01
0.08
0.04
0.02
0.00
–0.02
–0.01
2 BACK TERMINATED
LOADS (75
Ω)
1 BACK TERMINATED
LOAD (150
Ω)
2 BACK TERMINATED
LOADS (75
Ω)
1 BACK TERMINATED
LOAD (150
Ω)
NTSC
NTSC
IRE
123
45
67
8
9
10
11
Figure 10. Differential Gain and Differential Phase
(per Amplifier)
NOTES: SIDE 1: VIN = 0V; 8mV/div RTO
SIDE 2: 1V STEP RTO; 400mV/div
5ns
SIDE 2
SIDE 1
RL = 100Ω
Figure 11. Pulse Crosstalk, Worst Case, 1 V Step
FREQUENCY – Hz
1M
500M
10M
100M
3
0
–27
–3
–6
–9
–12
–15
–18
–21
–24
3
0
–27
–3
–6
–9
–12
–15
–18
–21
–24
VIN = 1.0V rms
VIN = 0.5V rms
VIN = 0.25V rms
VIN = 125mV rms
VIN = 62.5mV rms
VS = ±5V
RL = 100Ω
Figure 12. Large Signal Frequency Response
TIME – ns
5
–5
0
120
20
40
60
80
100
4
1
–2
–3
–4
3
2
0
–1
2V STEP
RC = 100Ω
RL = 150Ω
Figure 13. Short-Term Settling Time
400mV
2µs
INPUT
OUTPUT
ERROR,
(0.05%/DIV)
2V STEP
RL = 100Ω
Figure 14. Long-Term Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com