Electronic Components Datasheet Search
  English  ▼

X  

AD8079AR Datasheet(PDF) 1 Page - Analog Devices

Part # AD8079AR
Description  Dual 260 MHz Gain = 2.0 & 2.2 Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8079AR Datasheet(HTML) 1 Page - Analog Devices

  AD8079AR Datasheet HTML 1Page - Analog Devices AD8079AR Datasheet HTML 2Page - Analog Devices AD8079AR Datasheet HTML 3Page - Analog Devices AD8079AR Datasheet HTML 4Page - Analog Devices AD8079AR Datasheet HTML 5Page - Analog Devices AD8079AR Datasheet HTML 6Page - Analog Devices AD8079AR Datasheet HTML 7Page - Analog Devices AD8079AR Datasheet HTML 8Page - Analog Devices AD8079AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
a
AD8079
FEATURES
Factory Set Gain
AD8079A: Gain = +2.0 (Also +1.0 & –1.0)
AD8079B: Gain = +2.2 (Also +1 & –1.2)
Gain of 2.2 Compensates for System Gain Loss
Minimizes External Components
Tight Control of Gain and Gain Matching (0.1%)
Optimum Dual Pinout
Simplifies PCB Layout
Low Crosstalk of –70 dB @ 5 MHz
Excellent Video Specifications (RL = 150
)
Gain Flatness 0.1 dB to 50 MHz
0.01% Differential Gain Error
0.02 Differential Phase Error
Low Power of 50 mW/Amplifier (5 mA)
High Speed and Fast Settling
260 MHz, –3 dB Bandwidth
750 V/ s Slew Rate (2 V Step), 800 V/ s (4 V Step)
40 ns Settling Time to 0.1% (2 V Step)
Low Distortion of –65 dBc THD, fC = 5 MHz
High Output Drive of Over 70 mA
Drives Up to 8 Back-Terminated 75
Loads (4 Loads/
Side) While Maintaining Good Differential Gain/
Phase Performance (0.01%/0.17 )
High ESD Tolerance (5 kV)
Available in Small 8-Pin SOIC
APPLICATIONS
Differential A-to-D Driver
Video Line Driver
Differential Line Driver
Professional Cameras
Video Switchers
Special Effects
RF Receivers
FUNCTIONAL BLOCK DIAGRAM
8-Pin Plastic SOIC
1
2
3
4
5
6
7
8
AD8079
+IN1
GND
GND
+IN2
OUT1
+VS
–VS
OUT2
Dual 260 MHz
Gain = +2.0 & +2.2 Buffer
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
PRODUCT DESCRIPTION
The AD8079 is a dual, low power, high speed buffer designed
to operate on
±5 V supplies. The AD8079’s pinout offers excel-
lent input and output isolation compared to the traditional dual
amplifier pin configuration. With two ac ground pins separating
both the inputs and outputs, the AD8079 achieves very low
crosstalk of less than –70 dB at 5 MHz.
Additionally, the AD8079 contains gain setting resistors factory
set at G = +2.0 (A grade) or Gain = +2.2 (B grade) allowing
circuit configurations with minimal external components. The
B grade gain of +2.2 compensates for gain loss through a system
by providing a single-point trim. Using active laser trimming of
these resistors, the AD8079 guarantees tight control of gain and
channel-channel gain matching. With its performance and con-
figuration, the AD8079 is well suited for driving differential
cables and transformers. Its low distortion and fast settling are
ideal for buffering high speed dual or differential A-to-D con-
verters.
The AD8079 features a unique transimpedance linearization
circuitry. This allows it to drive video loads with excellent differ-
ential gain and phase performance of 0.01% and 0.02
° on only
50 mW of power per amplifier. It features gain flatness of 0.1 dB
to 50 MHz. This makes the AD8079 ideal for professional video
electronics such as cameras and video switchers.
The AD8079 offers low power of 5 mA/amplifier (VS =
±5 V)
and can run on a single +12 V power supply while delivering
over 70 mA of load current. All of this is offered in a small 8-pin
SOIC package. These features make this amplifier ideal for por-
table and battery powered applications where size and power are
critical.
The outstanding bandwidth of 260 MHz along with 800 V/
µs of
slew rate make the AD8079 useful in many general purpose high
speed applications where dual power supplies of
±3 V to ±6 V
are required.
The AD8079 is available in the industrial temperature range of
–40
°C to +85°C.
FREQUENCY – Hz
1M
1G
10M
100M
–0.5
0.1
0
–0.1
–0.2
–0.3
–0.4
1
0
–9
–1
–2
–3
–4
–5
–6
–7
–8
SIDE 2
SIDE 1
SIDE 2
SIDE 1
RL = 100Ω
VIN = 50mV rms
50
Ω
50
Ω
Figure 1. Frequency Response and Flatness
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1996


Similar Part No. - AD8079AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8079AR AD-AD8079AR Datasheet
348Kb / 12P
Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV.A
AD8079AR AD-AD8079AR Datasheet
288Kb / 12P
Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079AR-REEL AD-AD8079AR-REEL Datasheet
348Kb / 12P
Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV.A
AD8079AR-REEL AD-AD8079AR-REEL Datasheet
288Kb / 12P
Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079AR-REEL7 AD-AD8079AR-REEL7 Datasheet
348Kb / 12P
Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV.A
More results

Similar Description - AD8079AR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5632 NSC-CLC5632 Datasheet
202Kb / 19P
Dual, High Output, Programmable Gain Buffer
logo
Analog Devices
AD8079 AD-AD8079 Datasheet
348Kb / 12P
Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV.A
logo
National Semiconductor ...
LMH6704 NSC-LMH6704 Datasheet
774Kb / 12P
650 MHz Progammable Gain Buffer with Disable
CLC417 NSC-CLC417 Datasheet
147Kb / 8P
Dual Low-Power, Programmable Gain Buffer
logo
Analog Devices
AD8079ARZ AD-AD8079ARZ Datasheet
288Kb / 12P
Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
logo
National Semiconductor ...
LMH6704 NSC-LMH6704_14 Datasheet
944Kb / 20P
MHz Selectable Gain Buffer with Disable
logo
Analog Devices
AD8079 AD-AD8079_15 Datasheet
351Kb / 12P
Dual 260 MHz Gain 2.0 & 2.2 Buffer
REV. A
logo
Texas Instruments
LMH6704 TI1-LMH6704_15 Datasheet
949Kb / 20P
650 MHz Selectable Gain Buffer with Disable
OPA3S2859 TI-OPA3S2859 Datasheet
2Mb / 33P
OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/?숰z, Programmable Gain Transimpedance Amplifier
MAY 2022
OPA3S2859 TI-OPA3S2859_V01 Datasheet
2Mb / 34P
OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/√Hz, Programmable Gain Transimpedance Amplifier
REVISED AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com