Electronic Components Datasheet Search
  English  ▼

X  

ADD5207ACPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADD5207ACPZ
Description  Four-String, White LED Driver for LCD Backlight Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD5207ACPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADD5207ACPZ Datasheet HTML 3Page - Analog Devices ADD5207ACPZ Datasheet HTML 4Page - Analog Devices ADD5207ACPZ Datasheet HTML 5Page - Analog Devices ADD5207ACPZ Datasheet HTML 6Page - Analog Devices ADD5207ACPZ Datasheet HTML 7Page - Analog Devices ADD5207ACPZ Datasheet HTML 8Page - Analog Devices ADD5207ACPZ Datasheet HTML 9Page - Analog Devices ADD5207ACPZ Datasheet HTML 10Page - Analog Devices ADD5207ACPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADD5207
Rev. A | Page 7 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Rating
VIN
−0.3 V to +23 V
SW
−0.3 V to +40 V
SHDN, PWM
−0.3 V to +6 V
ISET, FSLCT, COMP
−0.3 V to +3.5 V
VDD
−0.3 V to +3.7 V
FB1, FB2, FB3, FB4
−0.3 V to +40 V
OVP
−0.3 V to +40 V
Maximum Junction Temperature (TJ max)
150°C
Operating Temperature Range (TA)
−25°C to +85°C
Storage Temperature Range (TS)
−65°C to +150°C
Reflow Peak Temperature (20 sec to 40 sec)
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
14-Lead LFCSP
33.24
2.42
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com