Electronic Components Datasheet Search
  English  ▼

X  

M24C32-FDW6TP Datasheet(PDF) 1 Page - STMicroelectronics

Part # M24C32-FDW6TP
Description  32-Kbit serial I짼C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-FDW6TP Datasheet(HTML) 1 Page - STMicroelectronics

  M24C32-FDW6TP Datasheet HTML 1Page - STMicroelectronics M24C32-FDW6TP Datasheet HTML 2Page - STMicroelectronics M24C32-FDW6TP Datasheet HTML 3Page - STMicroelectronics M24C32-FDW6TP Datasheet HTML 4Page - STMicroelectronics M24C32-FDW6TP Datasheet HTML 5Page - STMicroelectronics M24C32-FDW6TP Datasheet HTML 6Page - STMicroelectronics M24C32-FDW6TP Datasheet HTML 7Page - STMicroelectronics M24C32-FDW6TP Datasheet HTML 8Page - STMicroelectronics M24C32-FDW6TP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
This is information on a product in full production.
July 2012
Doc ID 4578 Rev 21
1/40
1
M24C32-W M24C32-R M24C32-F
M24C32-X M24C32-DF
32-Kbit serial I²C bus EEPROM
Datasheet
−production data
Features
■ Compatible with all I2C bus modes:
–1 MHz
– 400 kHz
– 100 kHz
■ Memory array:
– 32 Kbit (4 Kbytes) of EEPROM
– Page size: 32 bytes
– Additional Write lockable page
(M24C32-D order codes)
■ Single supply voltage:
– 1.7 V to 5.5 V over –40 °C / +85 °C
– 1.6 V to 5.5 V over –20 °C / +85 °C
■ Write:
– Byte Write within 5 ms (10 ms when
VCC =1.6 V)
– Page Write within 5 ms (10 ms when
VCC =1.6 V)
■ Random and sequential Read modes
■ Write protect of the whole memory array
■ Enhanced ESD/Latch-Up protection
■ More than 4 million Write cycles
■ More than 200-year data retention
■ Packages:
– RoHS compliant and halogen-free
(ECOPACK®)
PDIP8 (BN)
SO8 (MN)
150 mil width
TSSOP8 (DW)
169 mil width
UFDFPN8
(MB, MC)
www.st.com


Similar Part No. - M24C32-FDW6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C32-FDW6TPA STMICROELECTRONICS-M24C32-FDW6TPA Datasheet
334Kb / 39P
128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
05-Jan-2009
M24C32-FDW6TPP STMICROELECTRONICS-M24C32-FDW6TPP Datasheet
334Kb / 39P
128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
05-Jan-2009
More results

Similar Description - M24C32-FDW6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C64 STMICROELECTRONICS-M24C64 Datasheet
149Kb / 19P
64/32 Kbit Serial I²C Bus EEPROM
05-Jan-2005
M24128 STMICROELECTRONICS-M24128_07 Datasheet
347Kb / 38P
128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
18-Dec-2007
M24128 STMICROELECTRONICS-M24128_08 Datasheet
350Kb / 39P
128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
16-Sep-2008
M24C32-W STMICROELECTRONICS-M24C32-W Datasheet
385Kb / 38P
32 Kbit serial I²C bus EEPROM
07-Dec-2009
M24C32-W STMICROELECTRONICS-M24C32-W_12 Datasheet
392Kb / 40P
32-Kbit serial I²C bus EEPROM
25-Jul-2012
M24256-BW STMICROELECTRONICS-M24256-BW_12 Datasheet
410Kb / 41P
256-Kbit serial I²C bus EEPROM
18-Sep-2012
M24C32-FMC6TG STMICROELECTRONICS-M24C32-FMC6TG Datasheet
392Kb / 40P
32-Kbit serial I²C bus EEPROM
25-Jul-2012
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
256-Kbit serial I짼C bus EEPROM
17-Dec-2012
M24C08-WMN6P STMICROELECTRONICS-M24C08-WMN6P Datasheet
688Kb / 38P
8-Kbit serial I²C bus EEPROM
04-Jun-2014
M24C08-RMC6TG STMICROELECTRONICS-M24C08-RMC6TG Datasheet
688Kb / 38P
8-Kbit serial I짼C bus EEPROM
04-Jun-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com