Electronic Components Datasheet Search
  English  ▼

X  

PE42552 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE42552
Description  SPDT UltraCMOS RF Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42552 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE42552 Datasheet HTML 1Page - Peregrine Semiconductor PE42552 Datasheet HTML 2Page - Peregrine Semiconductor PE42552 Datasheet HTML 3Page - Peregrine Semiconductor PE42552 Datasheet HTML 4Page - Peregrine Semiconductor PE42552 Datasheet HTML 5Page - Peregrine Semiconductor PE42552 Datasheet HTML 6Page - Peregrine Semiconductor PE42552 Datasheet HTML 7Page - Peregrine Semiconductor PE42552 Datasheet HTML 8Page - Peregrine Semiconductor PE42552 Datasheet HTML 9Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Product Specification
PE42552
Page 2 of 9
©2008 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0246-03
│ UltraCMOS™ RFIC Solutions
Table 2. Pin Descriptions
Table 4. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe the
same precautions that you would use with other ESD-
sensitive devices. Although this device contains
circuitry to protect it from damage due to ESD,
precautions should be taken to avoid exceeding the
rating specified.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Figure 3. Pin Configuration (Top View)
Pin No.
Pin Name
Description
2
RF1
RF Port 1
1, 3, 4, 5, 6,
8, 9, 10, 12
GND
Ground
7
RFC
RF Common
11
RF2
RF Port 2
13
VSS
Negative supply voltage or GND
connection (Note 1)
14
CTRL
CMOS level:
15
LS
Logic Select - Used to determine
the definition for the CTRL pin (see
Table 5)
16
VDD
Nominal 3.3 V supply connection
Table 5. Control Logic Truth Table
GND
RF1
GND
GND
GND
GND
RF2
GND
1
12
11
10
9
2
3
4
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be restricted to
the limits in the Operating Ranges table. Operation
between operating range maximum and absolute
maximum for extended periods may reduce reliability.
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on any input except for
CTRL and LS inputs
-0.3
VDD+
0.3
V
VCTRL
Voltage on CTRL input
4.0
V
VLS
Voltage on LS input
4.0
V
TST
Storage temperature range
-65
150
°C
PIN
Input Power:
9 kHz
≤ 1 MHz
1 MHz
≤ 7.5 GHz
fig. 4,5
30
dBm
dBm
VESD
ESD voltage (HBM)1
ESD voltage (Machine Model)
1000
100
V
V
Table 3. Operating Ranges
Parameter
Min
Typ
Max
Units
VDD Positive Power Supply Voltage
3.0
3.3
3.6
V
VSS Negative Power Supply Voltage
(external power supply used)
-3.6
-3.3
-3.0
V
IDD Power Supply Current
(VSS = 0V, Temp = +85 °C)
15
120
µA
Control Voltage High
0.7xVDD
V
Control Voltage Low
0.3xVDD
V
RF Power In1(PIN):
9 kHz
≤ 1 MHz
1 MHz
≤ 7.5 GHz
fig. 4,5
30
dBm
dBm
VSS Negative Power Supply Voltage
(internal power supply used)
-0.1
0.0
0.0
V
ISS Negative Supply
(VSS = -VDD, Temp = 25 °C)
-10
-40
µA
TOP Operating temperature range
-40
25
85
°C
Note: 1. Please consult low frequency graphs on page 3 for
recommended operating power level.
Note: 1. Human Body Model (HBM, MIL_STD 883 Method 3015.7)
Moisture Sensitivity Level
The Moisture Sensitivity Level rating for the PE42552 in
the 16-lead 3x3mm QFN package is MSL1.
Logic Select (LS)
The Logic Select feature is used to determine the
definition for the CTRL pin.
Note: 1. Use VSS (pin 13, VSS = -VDD) to bypass and disable
internal negative voltage generator. Connect VSS (pin 13) to GND
(VSS = 0V) to enable internal negative voltage generator.
Switching Frequency
The PE42552 has a maximum 25 kHz switching rate
when the internal negative voltage generator is used
(pin 13=GND). The rate at which the PE42552 can be
switched is only limited to the switching time (Table 1) if
an external negative supply is provided at
(pin13=VSS).
LS
CTRL
RFC-RF1
RFC-RF2
0
0
off
on
0
1
on
off
1
0
on
off
1
1
off
on
Spurious Performance
The typical spurious performance of the PE42552 is
-116 dBm when VSS=0V (pin 13 = GND). If further
improvement is desired, the internal negative voltage
generator can be disabled by setting VSS = -VDD.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com