Electronic Components Datasheet Search
  English  ▼

X  

PE43503 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE43503
Description  PE43503
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43503 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE43503 Datasheet HTML 1Page - Peregrine Semiconductor PE43503 Datasheet HTML 2Page - Peregrine Semiconductor PE43503 Datasheet HTML 3Page - Peregrine Semiconductor PE43503 Datasheet HTML 4Page - Peregrine Semiconductor PE43503 Datasheet HTML 5Page - Peregrine Semiconductor PE43503 Datasheet HTML 6Page - Peregrine Semiconductor PE43503 Datasheet HTML 7Page - Peregrine Semiconductor PE43503 Datasheet HTML 8Page - Peregrine Semiconductor PE43503 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Product Specification
PE43503
Page 2 of 11
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0252-05
│ UltraCMOS™ RFIC Solutions
-1
0
1
2
0
4
8
121620
24
28
32
Attenuation Setting (dB)
200MHz
900MHz
1800MHz
2200MHz
3000MHz
4000MHz
5000MHz
6000MHz
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
4
8
12
16
20
24
28
32
Attenuation Setting (dB)
200MHz
900MHz
1800MHz
2200MHz
3000MHz
4000MHz
5000MHz
6000MHz
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
1000
2000
3000
4000
5000
6000
Frequency (GHz)
1dB State
2dB State
4dB State
8dB State
16dB State
31dB State
900 MHz
2200 MHz
3800 MHz
5800 MHz
5
1015
20
2530
035
5
10
15
20
25
30
0
35
Attenuation State
Attenuation
Table 1. Electrical Specifications @ +25°C, VDD = 3.3 V or 5.0 V
Performance Plots
Parameter
Test Conditions
Frequency
Min.
Typical
Max.
Units
Frequency Range
9 kHz
6 GHz
Attenuation Range
1 dB Step
0 – 31
dB
Insertion Loss
9 kHz
≤ 6 GHz
2.4
2.9
dB
Attenuation Error
0dB - 31dB Attenuation settings
0dB - 21dB Attenuation settings
22dB - 31dB Attenuation settings
0dB - 31dB Attenuation settings
9 kHz
≤ 4 GHz
4 GHz
≤ 6 GHz
4 GHz
≤ 6 GHz
4 GHz
≤ 6 GHz
±(0.3+3%)
+0.4+9%
+2.4+0%
-0.2-3%
dB
dB
dB
dB
Relative Phase
All States
9 kHz
≤ 6 GHz
72
°
P1dB (note 1)
Input
20 MHz - 6 GHz
30
32
dBm
Input IP3
Two tones at +18 dBm, 20 MHz spacing
20 MHz – 6 GHz
+58
dBm
Return Loss
DC
≤ 6 GHz
17
dB
Switching Speed
50% DC CTRL to 10% / 90% RF
650
ns
Typical Spurious Value
1 MHz
-115
dBm
Video Feed Through
10
mVpp
Settling Time
RF settled to within 0.05 dB of final value
RBW = 5 MHz, Averaging ON.
4
µs
RF Trise/Tfall
10% / 90% RF
400
ns
*Monotonicity is held so long as Step-Error does not cross below -1
Figure 3. 1dB Step Error vs. Frequency *
Figure 4. 1dB Attenuation vs. Attenuation State
Figure 5. 1dB Major State Bit Error
Figure 6. 1dB Attenuation Error vs. Frequency
Note 1. Please note Maximum Operating Pin (50
Ω) of +23dBm as shown in Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com