Electronic Components Datasheet Search
  English  ▼

X  

AMN32112 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AMN32112
Description  Passive infrared human detection sensor with built-in amp.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AMN32112 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AMN32112 Datasheet HTML 1Page - Panasonic Semiconductor AMN32112 Datasheet HTML 2Page - Panasonic Semiconductor AMN32112 Datasheet HTML 3Page - Panasonic Semiconductor AMN32112 Datasheet HTML 4Page - Panasonic Semiconductor AMN32112 Datasheet HTML 5Page - Panasonic Semiconductor AMN32112 Datasheet HTML 6Page - Panasonic Semiconductor AMN32112 Datasheet HTML 7Page - Panasonic Semiconductor AMN32112 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MP Motion Sensor (AMN2, 3, 4)
DETECTION PERFORMANCE
1. Standard detection type
Notes: 1. The X-Y cross-sectional diagram shows the detection area.
2. The differences in the detection zone patterns are indicative of the projections
of the 16 lenses with single focal point and with five optical axes.
An object whose temperature differs from the background temperature and
which crosses inside the detection zone will be detected.
X
5m
5m
2.5m
2.5m
50
°
50
°
0
°
TOP VIEW
(56
°)
(56
°)
16.404ft
16.404ft
8.202ft
8.202ft
Y
5m
5m
2.5m
2.5m
41
°
41
°
0
°
SIDE VIEW
(49
°)
(49
°)
16.404ft
16.404ft
8.202ft
8.202ft
Y
Detection zone
1
(Max. 7.42m)
(Max. 5.66m)
X
2
2
3
3
4m
4m
1
1
1
2
2
3m
3m
(Max. 24.344ft)
(Max. 18.570ft)
3.281
6.562
6.562
9.843
9.843
13.123ft
13.123ft
3.281
3.281
3.281
6.562
6.562
9.843ft
9.843ft
X-Y cross section
2. Slight motion detection type
X-Y cross section
Notes: 1. The X-Y cross-sectional diagram shows the detection area.
2. The differences in the detection zone patterns are indicative of the projections of the 26 lenses with single focal point and with three optical axes.
An object whose temperature differs from the background temperature and which crosses inside the detection zone will be detected.
1m
1.5
2
2.5m
–1.5
–2
–2.5m
1
0.5
0
–0.5
–1
Y
46
°
46
°
0
°
1m
2m
3.281ft
6.562ft
(51
°)
(51
°)
2m
3.281ft
4.921
6.562
8.202ft
–4.921
–6.562
–8.202ft
3.281
1.640
–1.640
–3.281
6.562ft
Y
Detection zone
X
(Max. 5m dia.)
(Max. 16.404ft dia.)
–0.5
–0.5
–1
–1.5
–2
0.5
0.5
1
1.5
2
–1
1
–1.5
1.5
–2
2
–2.5m
2.5m
–2.5m
2.5m
–1.640
–1.640
–3.281
–4.921
–6.562
1.640
1.640
3.281
4.921
6.562
–3.281
3.281
–4.921
4.921
–6.562
6.562
–8.202ft
8.202ft
–8.202ft
8.202ft
ASCTB240E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com