Electronic Components Datasheet Search
  English  ▼

X  

MTP2N50E Datasheet(PDF) 2 Page - Motorola, Inc

Part # MTP2N50E
Description  TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 3.6 OHM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP2N50E Datasheet(HTML) 2 Page - Motorola, Inc

  MTP2N50E Datasheet HTML 1Page - Motorola, Inc MTP2N50E Datasheet HTML 2Page - Motorola, Inc MTP2N50E Datasheet HTML 3Page - Motorola, Inc MTP2N50E Datasheet HTML 4Page - Motorola, Inc MTP2N50E Datasheet HTML 5Page - Motorola, Inc MTP2N50E Datasheet HTML 6Page - Motorola, Inc MTP2N50E Datasheet HTML 7Page - Motorola, Inc MTP2N50E Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MTP2N50E
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 µAdc)
Temperature Coefficient (Positive)
V(BR)DSS
500
—
—
689
—
—
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 500 Vdc, VGS = 0 Vdc)
(VDS = 500 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
—
—
—
—
10
100
µAdc
Gate–Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
—
—
100
nAdc
ON CHARACTERISTICS (1)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
Temperature Coefficient (Negative)
VGS(th)
2.0
—
3.0
7.1
4.0
—
Vdc
mV/
°C
Static Drain–Source On–Resistance (VGS = 10 Vdc, ID = 1.0 Adc)
RDS(on)
—
2.7
4.0
Ohm
Drain–Source On–Voltage (VGS = 10 Vdc)
(ID = 2.0 Adc)
(ID = 1.0 Adc, TJ = 125°C)
VDS(on)
—
—
5.9
—
9.6
8.4
Vdc
Forward Transconductance (VDS = 15 Vdc, ID = 1.0 Adc)
gFS
1.0
1.6
—
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
—
323
450
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
—
45
60
Reverse Transfer Capacitance
f = 1.0 MHz)
Crss
—
9.0
20
SWITCHING CHARACTERISTICS (2)
Turn–On Delay Time
(VDD = 250 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc,
RG = 9.1 Ω)
td(on)
—
8.0
16
ns
Rise Time
(VDD = 250 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc,
RG = 9.1 Ω)
tr
—
6.0
12
Turn–Off Delay Time
VGS = 10 Vdc,
RG = 9.1 Ω)
td(off)
—
16
32
Fall Time
G = 9.1 Ω)
tf
—
10
20
Gate Charge
(See Figure 8)
(VDS = 400 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc)
QT
—
11
15
nC
(See Figure 8)
(VDS = 400 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc)
Q1
—
2.0
—
(VDS = 400 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc)
Q2
—
5.4
—
Q3
—
5.1
—
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage (1)
(IS = 2.0 Adc, VGS = 0 Vdc)
(IS = 2.0 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
—
—
0.82
0.69
1.6
—
Vdc
Reverse Recovery Time
(See Figure 14)
(IS = 2.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
trr
—
334
—
ns
(See Figure 14)
(IS = 2.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
ta
—
62
—
(IS = 2.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
tb
—
272
—
Reverse Recovery Stored Charge
QRR
—
0.985
—
µC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from the drain lead 0.25
″ from package to center of die)
LD
—
4.5
—
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
LS
—
7.5
—
nH
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com