Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G06 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC1G06
Description  Inverter with open-drain output Rev. 10 ??29 June 2012
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G06 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC1G06 Datasheet HTML 1Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
74LVC1G06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 10 — 29 June 2012
2 of 18
NXP Semiconductors
74LVC1G06
Inverter with open-drain output
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC1G06GW
40 C to +125 C
TSSOP5
plastic thin shrink small outline package;
5 leads; body width 1.25 mm
SOT353-1
74LVC1G06GV
40 C to +125 C
SC-74A
plastic surface-mounted package; 5 leads
SOT753
74LVC1G06GM
40 C to +125 C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
 1.45  0.5 mm
SOT886
74LVC1G06GF
40 C to +125 C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
 1  0.5 mm
SOT891
74LVC1G06GN
40 C to +125 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 0.9
 1.0  0.35 mm
SOT1115
74LVC1G06GS
40 C to +125 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 1.0
 1.0  0.35 mm
SOT1202
74LVC1G06GX
40 C to +125 C
X2SON5
X2SON5: plastic thermal enhanced extremely
thin small outline package; no leads; 5
terminals; body 0.8
 0.8  0.35 mm
SOT1226
Table 2.
Marking codes
Type number
Marking[1]
74LVC1G06GW
VR
74LVC1G06GV
V06
74LVC1G06GM
VR
74LVC1G06GF
VR
74LVC1G06GN
VR
74LVC1G06GS
VR
74LVC1G06GX
VR
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
mna618
AY
2
4
mna619
4
2
A
Y
mna620
Y
GND
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com