Electronic Components Datasheet Search
  English  ▼

X  

AD22100AT Datasheet(PDF) 10 Page - Analog Devices

Part # AD22100AT
Description  Voltage Output Temperature Sensor with Signal Conditioning
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22100AT Datasheet(HTML) 10 Page - Analog Devices

Back Button AD22100AT Datasheet HTML 4Page - Analog Devices AD22100AT Datasheet HTML 5Page - Analog Devices AD22100AT Datasheet HTML 6Page - Analog Devices AD22100AT Datasheet HTML 7Page - Analog Devices AD22100AT Datasheet HTML 8Page - Analog Devices AD22100AT Datasheet HTML 9Page - Analog Devices AD22100AT Datasheet HTML 10Page - Analog Devices AD22100AT Datasheet HTML 11Page - Analog Devices AD22100AT Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD22100
Rev. D | Page 10 of 12
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS TO-226AA
0.115 (2.92)
0.080 (2.03)
0.115 (2.92)
0.080 (2.03)
0.165 (4.19)
0.125 (3.18)
1
2
3
BOTTOM VIEW
SQ
0.019 (0.482)
0.016 (0.407)
0.105 (2.66)
0.095 (2.42)
0.055 (1.40)
0.045 (1.15)
SEATING
PLANE
0.500 (12.70) MIN
0.205 (5.21)
0.175 (4.45)
0.210 (5.33)
0.170 (4.32)
0.135 (3.43)
MIN
0.050 (1.27)
MAX
Figure 11. 3-Pin Plastic Header Package [TO-92]
(T-3)
Dimensions shown in inches and millimeters
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
× 45°
8°
0°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
85
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2440)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-012AA
Figure 12. 8-Lead Standard Small Outline Package [SOIC]
(R-8)
Dimensions shown in inches and millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com